Electronic Components Datasheet Search
  English  ▼

X  

MAX4444ESE Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4444ESE
Description  Ultra-High-Speed, Low-Distortion, Differentialto- Single-Ended Line Receivers with Enable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4444ESE Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX4444ESE Datasheet HTML 1Page - Maxim Integrated Products MAX4444ESE Datasheet HTML 2Page - Maxim Integrated Products MAX4444ESE Datasheet HTML 3Page - Maxim Integrated Products MAX4444ESE Datasheet HTML 4Page - Maxim Integrated Products MAX4444ESE Datasheet HTML 5Page - Maxim Integrated Products MAX4444ESE Datasheet HTML 6Page - Maxim Integrated Products MAX4444ESE Datasheet HTML 7Page - Maxim Integrated Products MAX4444ESE Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
0
-5
-10
-15
-20
-40
10
-15
35
60
85
INPUT OFFSET VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
Ultra-High-Speed, Low-Distortion, Differential-
to-Single-Ended Line Receivers with Enable
6
_______________________________________________________________________________________
3.90
3.85
3.80
3.75
3.70
3.65
3.60
0
800
400
1200
1600
2000
VOLTAGE SWING
vs. LOAD RESISTANCE
LOAD RESISTANCE (
Ω)
MAX4444
MAX4445
1
100k
100
10
1k
10k
1M
10M
INPUT VOLTAGE NOISE DENSITY
vs. FREQUENCY
FREQUENCY (Hz)
10
100
1000
1
10
100
1k
10k
100k
1M
10M
INPUT CURRENT NOISE DENSITY
vs. FREQUENCY
FREQUENCY (Hz)
1
10
100
0
-10
-20
-30
-40
-50
-60
-70
-80
100k
10M
100M
1M
1G
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
FREQUENCY (Hz)
0
-10
-20
-30
-40
-50
-60
-70
-80
100k
10M
100M
1M
1G
COMMON-MODE REJECTION
vs. FREQUENCY
FREQUENCY (Hz)
1000
100
10
1
-0.1
-0.01
100k
10M
100M
1M
1G
MAX4444
CLOSED-LOOP OUTPUT IMPEDANCE
vs. FREQUENCY
FREQUENCY (Hz)
SHUTDOWN
PULSE
2.5V/div
OUTPUT
1V/div
200ns/div
SHUTDOWN RESPONSE
12
14
16
18
20
22
24
812
10
14
16
18
20
22
24
MAX4444
RECOMMENDED ISOLATION
RESISTANCE vs. CAPACITIVE LOAD
CAPACITIVE LOAD (pF)
Typical Operating Characteristics (continued)
(VCC = +5V, VEE = -5V, VEN = 5V, VIN = VIN+ - VIN-, RL = 100Ω, REF = GND, AV = +2V/V, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com