Electronic Components Datasheet Search
  English  ▼

X  

MAX4433ESA Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX4433ESA
Description  Dual-Supply, 180MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4433ESA Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX4433ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4433ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4433ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4433ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4433ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4433ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4433ESA Datasheet HTML 10Page - Maxim Integrated Products MAX4433ESA Datasheet HTML 11Page - Maxim Integrated Products MAX4433ESA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Detailed Description
The MAX4430–MAX4433 are wide-bandwidth, ultra-low-
distortion, voltage-feedback amplifiers. The MAX4430/
MAX4432 are internally compensated for unity gain.
The MAX4431/MAX4433 are internally compensated for
gains of +2V/V or greater.
These amplifiers have ultra-fast 37ns (MAX4430/
MAX4432) 16-bit settling times, 100dB SFDR at 1MHz,
and 4Vp-p output swing with minimum 110dB open-
loop gain.
High-Speed ADC Input Driver Application
The MAX4430–MAX4433 op amps are ideal for driving
high-speed 14- to 16-bit ADCs. In most cases, these
ADCs operate with a charge balance scheme, with
capacitive loads internally switched on and off from the
input. The driver used must withstand these changing
capacitive loads while holding the signal amplitude sta-
bility consistent with the ADC’s resolution and, at the
same time, have a frequency response compatible with
the sampling speed of the ADC (Figure 1).
Inverting and Noninverting Configurations
The circuits typically used for the inverting and non-
inverting configurations of the MAX4430–MAX4433 are
shown in Figures 2a and 2b. The minimum uncondition-
ally stable gain values are 1 for the MAX4430/MAX4432
and 2 for the MAX4431/MAX4433. Use care in selecting
the value for the resistor marked RS in both circuits.
From dynamic stability considerations (based on the
part’s frequency response and the input capacitance of
the MAX4430–MAX4433), the maximum recommended
value for RS is 500
Ω. In general, lower RS values will
yield a higher bandwidth and better dynamic stability,
at the cost of higher power consumption, higher power
dissipation in the IC, and reduced output drive avail-
ability. For a minimum RS value, take into consideration
that the current indicated as IF is supplied by the output
stage and must be discounted from the maximum out-
put current to calculate the maximum current available
to the load. IF can be found using the following equa-
tion:
IF = VIN(MAX) / RS
If DC thermal stability is an important design concern,
the Thevenin resistance seen by both inputs at DC
must be balanced. This includes the resistance of the
signal source and termination resistors if the amplifier
signal input is fed from a transmission line. The capaci-
tance associated with the feedback resistors must also
be considered as a possible limitation to the available
bandwidth or to the dynamic stability. Only resistors
with small parallel capacitance specifications should
be considered.
Applications Information
Layout and Power-Supply Bypassing
The MAX4430–MAX4433 have wide bandwidth and
consequently require careful board layout. To realize
the full AC performance of these high-speed amplifiers,
pay careful attention to power-supply bypassing and
board layout. The PC board should have a large low-
impedance ground plane that is as free of voids as
possible. Do not use commercial breadboards. Keep
signal lines as short and straight as possible. Observe
high-frequency bypassing techniques to maintain the
Dual-Supply, 180MHz, 16-Bit Accurate,
Ultra-Low Distortion Op Amps
_______________________________________________________________________________________
9
+VCC
-VEE
HIGH-SPEED
14/16-BIT ADC
Figure 1. Typical Application Circuit
VOUT
VIN
RS
RF
IF
RF
RS
VOUT
VIN
=
A = 1 +
Figure 2a. Noninverting Configuration
- RF
RS
VOUT
VIN
VOUT
VIN
RB
RF
RS
IF
=
A =
Figure 2b. Inverting Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com