Electronic Components Datasheet Search
  English  ▼

X  

MAX4433ESA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4433ESA
Description  Dual-Supply, 180MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4433ESA Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4433ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4433ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4433ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4433ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4433ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4433ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4433ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4433ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4433ESA Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Dual-Supply, 180MHz, 16-Bit Accurate,
Ultra-Low Distortion Op Amps
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VCC = +5V, VEE = -5V, RL = 500
Ω, CL = 0pF, TA = +25°C, unless otherwise noted.)
MAX4431/MAX4433
LARGE-SIGNAL PULSE RESPONSE
10ns/div
INPUT
250mV/div
OUTPUT
500mV/div
AVCL = +2V/V
MAX4430/MAX4432
SMALL-SIGNAL PULSE RESPONSE
10ns/div
INPUT
50mV/V
OUTPUT
50mV/div
AVCL = +1V/V
CL = 10pF
MAX4431/MAX4433
SMALL-SIGNAL PULSE RESPONSE
10ns/div
INPUT
25mV/div
OUTPUT
50mV/div
AVCL = +1V/V
CL = 15pF
MAX4431/MAX4433
LARGE-SIGNAL PULSE RESPONSE
10ns/div
INPUT
250mV/div
OUTPUT
500mV/div
AVCL = +1V/V
CL = 30pF
MAX4430/MAX4432
LARGE-SIGNAL PULSE RESPONSE
10ns/div
INPUT
500mV/div
OUTPUT
500mV/div
AVCL = +1V/V
CL = 20pF
-10
-100
0.1
100
10
1
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
-70
-90
-30
-50
0
-60
-80
-20
-40
FREQUENCY (MHz)
-10
-100
0.1
100
10
1
COMMON-MODE REJECTION RATIO
vs. FREQUENCY
-70
-90
-30
-50
0
-60
-80
-20
-40
FREQUENCY (MHz)
0
2
4
6
8
10
12
050
25
75
100 125 150 175 200
OUTPUT ISOLATION RESISTANCE
vs. CAPACITIVE LOAD
CAPACITIVE LOAD (pF)
MAX4430
MAX4431
0.1
10
1
100
1000
CLOSED-LOOP OUTPUT IMPEDANCE
vs. FREQUENCY
FREQUENCY (MHz)
100
0.01
0.1
1
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com