Electronic Components Datasheet Search
  English  ▼

X  

MAX4433ESA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4433ESA
Description  Dual-Supply, 180MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4433ESA Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4433ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4433ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4433ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4433ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4433ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4433ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4433ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4433ESA Datasheet HTML 10Page - Maxim Integrated Products MAX4433ESA Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Dual-Supply, 180MHz, 16-Bit Accurate,
Ultra-Low Distortion Op Amps
_______________________________________________________________________________________
7
120
80
40
0
-40
-80
-120
-160
-200
0.1
10
100
1
1000
MAX4430
GAIN AND PHASE vs. FREQUENCY
MAX4430 toc19
FREQUENCY (MHz)
-225
-180
-135
-90
-45
0
45
90
135
AV = 1000
GAIN
PHASE
0
-140
0.1
10
100
-70
FREQUENCY (MHz)
1
HARMONIC DISTORTION
vs. FREQUENCY
-10
-20
-30
-40
-50
-60
-80
-90
-100
-110
-120
-130
3RD HARMONIC
2ND HARMONIC
VOUT = 2Vp-p
0
-140
0
4
6
-70
OUTPUT SWING (Vp-p)
1
HARMONIC DISTORTION
vs. OUTPUT SWING
-10
-20
-30
-40
-50
-60
-80
-90
-100
-110
-120
-130
23
5
f = 1MHz
2ND HARMONIC
3RD HARMONIC
0
-140
0
1000
-70
RESISTIVE LOAD (
Ω)
200
HARMONIC DISTORTION
vs. RESISTIVE LOAD
-10
-20
-30
-40
-50
-60
-80
-90
-100
-110
-120
-130
400
600
800
3RD HARMONIC
2ND HARMONIC
f = 1MHz
1
100k
100
10
1k
10k
1M
10M
INPUT VOLTAGE NOISE
vs. FREQUENCY
FREQUENCY (Hz)
1
10
100
1000
9.0
10.0
9.5
11.0
10.5
11.5
12.0
-50
0
25
-25
50
75
100
QUIESCENT CURRENT PER AMPLIFIER
vs. TEMPERATURE
TEMPERATURE (
°C)
9.0
10.0
9.5
11.0
10.5
11.5
12.0
-50
0
25
-25
50
75
100
INPUT BIAS CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
-3.0
0
0.5
-2.0
1.0
1.5
2.5
2.0
3.0
-50
-25
0
25
50
75
100
OFFSET VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
-0.5
-1.0
-1.5
-2.5
VOS+
VOS-
0
1.0
0.5
2.0
1.5
2.5
3.0
-50
0
25
-25
50
75
100
VOLTAGE SWING
vs. TEMPERATURE
TEMPERATURE (°C)
FROM NEGATIVE RAIL
FROM POSITIVE RAIL
Typical Operating Characteristics (continued)
(VCC = +5V, VEE = -5V, RL = 500
Ω, CL = 0pF, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com