Electronic Components Datasheet Search
  English  ▼

X  

MAX4471ESA Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX4471ESA
Description  Single/Dual/Quad, 1.8V/750nA, SC70, Rail-to-Rail Op Amps
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4471ESA Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX4471ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4471ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4471ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4471ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4471ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4471ESA Datasheet HTML 10Page - Maxim Integrated Products MAX4471ESA Datasheet HTML 11Page - Maxim Integrated Products MAX4471ESA Datasheet HTML 12Page - Maxim Integrated Products MAX4471ESA Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Single/Dual/Quad, +1.8V/750nA, SC70,
Rail-to-Rail Op Amps
_______________________________________________________________________________________
9
2
-7
100
100k
10k
1k
MAX4464/MAX4474
LARGE-SIGNAL NORMALIZED GAIN
vs. FREQUENCY
-4
-6
0
-2
3
-3
-5
1
-1
FREQUENCY (Hz)
RL = 100k
Ω
VOUT = 1Vp-p
CL = 12pF
AV = +5
2
-7
100
100k
10k
1k
MAX4464/MAX4474
LARGE-SIGNAL NORMALIZED GAIN
vs. FREQUENCY
-4
-6
0
-2
3
-3
-5
1
-1
FREQUENCY (Hz)
RL = 1M
Ω
VOUT = 1Vp-p
CL = 12pF
AV = +5
2
-7
100
100k
10k
1k
MAX4464/MAX4474
SMALL-SIGNAL NORMALIZED GAIN
vs. FREQUENCY
-4
-6
0
-2
3
-3
-5
1
-1
FREQUENCY (Hz)
RL = 1M
Ω
VOUT = 100mVp-p
CL = 12pF
AV = +5
2
-7
100
100k
10k
1k
MAX4464/MAX4474
LARGE-SIGNAL NORMALIZED GAIN
vs. FREQUENCY
-4
-6
0
-2
3
-3
-5
1
-1
FREQUENCY (Hz)
RL = 10k
Ω
VOUT = 1Vp-p
CL = 12pF
AV = +5
Typical Operating Characteristics (continued)
(VDD = +5V, VSS = 0, VCM = 0, RL = 100k
Ω to VDD/2, TA = +25°C, unless otherwise noted.)
Pin Description
PIN
MAX4470/
MAX4464
MAX4471/
MAX4474
MAX4472
NAME
FUNCTION
1
——
IN+
Noninverting Amplifier Input
—
3
3
INA+
Noninverting Amplifier Input (Channel A)
2
4
11
VSS
Negative Power-Supply Voltage
3
——
IN-
Inverting Amplifier Input
4
——
OUT
Amplifier Output
—
2
2
INA-
Inverting Amplifier Input (Channel A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com