Electronic Components Datasheet Search
  English  ▼

X  

MAX4471ESA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4471ESA
Description  Single/Dual/Quad, 1.8V/750nA, SC70, Rail-to-Rail Op Amps
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4471ESA Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4471ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4471ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4471ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4471ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4471ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4471ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4471ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4471ESA Datasheet HTML 10Page - Maxim Integrated Products MAX4471ESA Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Single/Dual/Quad, +1.8V/750nA, SC70,
Rail-to-Rail Op Amps
_______________________________________________________________________________________
7
Typical Operating Characteristics (continued)
(VDD = +5V, VSS = 0, VCM = 0, RL = 100k
Ω to VDD/2, TA = +25°C, unless otherwise noted.)
3
-7
100
1k
10k
100k
MAX4470/MAX4471/MAX4472
SMALL-SIGNAL GAIN vs. FREQUENCY
-5
FREQUENCY (Hz)
-3
-1
1
2
-6
-4
-2
0
AV = 1
RL = 1M
Ω
VOUT = 100mVp-p
CL = 12pF
3
-7
100
1k
10k
MAX4470/MAX4471/MAX4472
LARGE-SIGNAL GAIN vs. FREQUENCY
-5
-6
FREQUENCY (Hz)
-3
-4
-1
0
-2
1
2
AV = 1
RL = 10k
Ω
VOUT = 1Vp-p
CL = 12pF
3
-7
100
1k
10k
MAX4470/MAX4471/MAX4472
LARGE-SIGNAL GAIN vs. FREQUENCY
-5
-6
FREQUENCY (Hz)
-3
-4
-1
0
-2
1
2
AV = 1
RL = 100k
Ω
VOUT = 1Vp-p
CL = 12pF
3
-7
100
1k
10k
MAX4470/MAX4471/MAX4472
LARGE-SIGNAL GAIN vs. FREQUENCY
-5
-6
FREQUENCY (Hz)
-3
-4
-1
0
-2
1
2
AV = 1
RL = 1M
Ω
VOUT = 1Vp-p
CL = 12pF
80
-60
1
1k
10k
100k
10
FREQUENCY (Hz)
10
100
MAX4464/MAX4474
GAIN AND PHASE vs. FREQUENCY
70
60
50
40
30
20
0
-10
-20
-30
-40
-50
MAX4464 toc32
180
135
90
45
0
-45
-90
-135
RL =1M
Ω
CL = 8pF
AVCL = 1000V/V
GAIN
PHASE
80
-60
1
1k
10k
100k
10
FREQUENCY (Hz)
10
100
MAX4464/MAX4474
GAIN AND PHASE vs. FREQUENCY
70
60
50
40
30
20
0
-10
-20
-30
-40
-50
MAX4464 toc33
RL =1M
Ω
CL = 250pF
AVCL = 1000V/V
GAIN
PHASE
180
135
90
45
0
-45
-90
-135
0.001
10
10k
1k
100
MAX4464/MAX4474
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. FREQUENCY
10
0.01
1
0.1
FREQUENCY (Hz)
100,000
100
10k
100k
1M
MAX4464/MAX4474
STABILITY vs. CAPACITIVE
AND RESISTIVE LOADS
RESISTIVE LOAD (
Ω)
1000
10,000
UNSTABLE
REGION
OUTPUT
50mV/div
INPUT
10mV/div
MAX4464/MAX4474
SMALL-SIGNAL STEP RESPONSE
500
µs/div
VDD = +5V
AV = +5V/V
RL = 1M
Ω
CL = 8pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com