Electronic Components Datasheet Search
  English  ▼

X  

MAX4471ESA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4471ESA
Description  Single/Dual/Quad, 1.8V/750nA, SC70, Rail-to-Rail Op Amps
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4471ESA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4471ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4471ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4471ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4471ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4471ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4471ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4471ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4471ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4471ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Single/Dual/Quad, +1.8V/750nA, SC70,
Rail-to-Rail Op Amps
4
_______________________________________________________________________________________
Typical Operating Characteristics
(VDD = +5V, VSS = 0, VCM = 0, RL = 100k
Ω to VDD/2, TA = +25°C, unless otherwise noted.)
0
0.2
0.1
0.5
0.4
0.3
0.7
0.8
0.6
0.9
1.5
3.0 3.5
2.0 2.5
4.0 4.5 5.0 5.5 6.0
SUPPLY CURRENT PER AMPLIFIER vs.
SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
0
0.2
0.1
0.5
0.4
0.3
0.7
0.8
0.6
0.9
-50
0
-25
25
50
75
100
SUPPLY CURRENT PER AMPLIFIER vs.
TEMPERATURE
TEMPERATURE (
°C)
0
0.10
0.05
0.30
0.20
0.25
0.15
0.40
0.45
0.35
0.50
-50
0
-25
25
50
75
100
OFFSET VOLTAGE vs.
TEMPERATURE
TEMPERATURE (
°C)
0
0.10
0.05
0.20
0.15
0.30
0.25
0.35
0.45
0.40
0.50
0
1.0
1.5
0.5
2.0
2.5
3.0
3.5
4.0
OFFSET VOLTAGE
vs. COMMON-MODE VOLTAGE
COMMON-MODE VOLTAGE (V)
-400
-350
-150
-250
-200
-300
-50
-100
0
-50
0
-25
25
50
75
100
INPUT BIAS CURRENT vs.
TEMPERATURE
TEMPERATURE (
°C)
-90
-70
-80
-40
-50
-60
-20
-10
-30
0
0
1.5
1.0
0.5
2.0
2.5
3.0
3.5
4.0
INPUT BIAS CURRENT vs.
COMMON-MODE VOLTAGE
COMMON-MODE VOLTAGE (V)
0
-100
10
100
10k
1k
POWER-SUPPLY REJECTION RATIO vs.
FREQUENCY
-80
-90
FREQUENCY (Hz)
-60
-70
-40
-30
-50
-20
-10
0
0.2
1.0
0.6
0.8
0.4
1.4
1.2
1.6
-50
0
-25
25
50
75
100
OUTPUT VOLTAGE SWING LOW vs.
TEMPERATURE
TEMPERATURE (
°C)
RL = 100k
Ω
RL = 1M
Ω
0
1
4
2
3
5
6
-50
0
-25
25
50
75
100
OUTPUT VOLTAGE SWING HIGH vs.
TEMPERATURE
TEMPERATURE (
°C)
RL = 100k
Ω
RL = 1M
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com