Electronic Components Datasheet Search
  English  ▼

X  

MAX4501ESA Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4501ESA
Description  Low-Voltage, SPST, CMOS Analog Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4501ESA Datasheet(HTML) 8 Page - Maxim Integrated Products

  MAX4501ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4501ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4501ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4501ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4501ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4501ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4501ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4501ESA Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
8 _____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600
© 1999 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
Low-Voltage, SPST, CMOS Analog Switches
Ordering Information (continued)
*Contact factory for dice specifications.
**Contact factory for availability.
___________________Chip Topography
TRANSISTOR COUNT: 17
SUBSTRATE CONNECTED TO V+
0.031"
(0.79mm)
0.029"
(0.74mm)
V+
COM
NO or NC
IN
GND
Figure 4. NO, NC, and COM Capacitance
V+
GND
V+
IN
NO OR
NC
COM
MAX4501
MAX4502
1MHz
CAPACITANCE
ANALYZER
AS
REQUIRED
Figure 3. Off-Isolation and On-Loss
MEASUREMENTS ARE STANDARDIZED AGAINST
SHORTS AT SOCKET TERMINALS. OFF-ISOLATION IS
MEASURED BETWEEN COM AND NO OR NC TERMINAL.
ON-LOSS IS MEASURED BETWEEN COM AND NO OR NC
TERMINAL. SIGNAL DIRECTION THROUGH SWITCH IS
REVERSED; WORST VALUES ARE RECORDED.
V+
V+
VOUT
GND
V+
IN
NO OR
NC
COM
VIN
MAX4501
MAX4502
OFF-ISOLATION = 20log
VOUT
VIN
ON-LOSS = 20log
VOUT
VIN
NETWORK
ANALYZER
50
Ω
50
Ω
50
Ω
50
Ω
MEAS
REF
10nF
_________________________________Test Circuits/Timing Diagrams (continued)
PART
MAX4502CUK-T
MAX4502CSA
MAX4502CPA
0°C to +70°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-
PACKAGE
5 SOT23-5
8 SO
8 Plastic DIP
MAX4502C/D
0°C to +70°C
Dice*
MAX4502EUK-T
-40°C to +85°C
5 SOT23-5
MAX4502ESA
-40°C to +85°C
8 SO
MAX4502EPA
-40°C to +85°C
8 Plastic DIP
MAX4502MJA
-55°C to +125°C
8 CERDIP**
MAX4502EXK-T
-40°C to +85°C
5 SC70-5
TOP
MARK
AAAB
—
—
—
AAAB
—
—
—
AAF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com