Electronic Components Datasheet Search
  English  ▼

X  

MAX4501ESA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4501ESA
Description  Low-Voltage, SPST, CMOS Analog Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4501ESA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4501ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4501ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4501ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4501ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4501ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4501ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4501ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4501ESA Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Low-Voltage, SPST, CMOS Analog Switches
_______________________________________________________________________________________
5
250
0
05
ON-RESISTANCE
vs. VCOM AND TEMPERATURE
150
VCOM (V)
200
50
1
100
34
2
TA = -55°C
TA = +25°C
TA = +85°C
TA = +125°C
1000
10
06
8
10
24
12
ON-RESISTANCE
vs. VCOM
VCOM (V)
100
V+ = 2V
V+ = 3V
V+ = 5V
V+ = 9V
V+ = 12V
1000
0.1
-50
125
OFF-LEAKAGE
vs. TEMPERATURE
100
TEMPERATURE (
°C)
50
1
-25
0
100
10
75
25
V+ = 5.5V
10,000
0.1
-50
125
ON-LEAKAGE
vs. TEMPERATURE
1000
TEMPERATURE (
°C)
50
10
1
-25
0
100
100
75
25
V+ = 5.5V
6
0
012
CHARGE INJECTION
vs. VCOM
3
VCOM (V)
7
4
5
1
12
11
2
9
4
35
8
10
6
V+ = 5V
V+ = 3V
V+ = 12V
0
-20
-30
-40
-50
-60
-70
-80
-10
-90
10
-10
-20
-30
-40
-50
-60
-70
0
-80
0.1
1
10
1000
100
FREQUENCY RESPONSE
MAX4501-05
FREQUENCY (MHz)
ON-LOSS
ON-PHASE
V+ = +5V
50
Ω IN/OUT
OFF-ISOLATION
100
0.01
10
100
1k
10k
100k
TOTAL HARMONIC DISTORTION
vs. FREQUENCY
0.1
FREQUENCY (Hz)
1
10
V+ = 5V
600
Ω IN/OUT
0
10
012
10
SWITCHING TIME
vs. SUPPLY VOLTAGE
20
30
100
VSUPPLY (V)
6
60
70
40
50
24
8
80
90
tOFF
tON
RLOAD = 1k
Ω
__________________________________________Typical Operating Characteristics
(V+ = +5V, GND = 0, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com