Electronic Components Datasheet Search
  English  ▼

X  

MAX4501ESA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4501ESA
Description  Low-Voltage, SPST, CMOS Analog Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4501ESA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4501ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4501ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4501ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4501ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4501ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4501ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4501ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4501ESA Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
_________________General Description
The MAX4501/MAX4502 are single-pole/single-throw
(SPST), low-voltage, single-supply, CMOS analog
switches. The MAX4501 is normally open (NO). The
MAX4502 is normally closed (NC).
These CMOS switches can operate continuously with a
single supply between +2V and +12V. Each switch can
handle Rail-to-Rail® analog signals. The off-leakage
current is only 1nA at +25°C or 10nA at +85°C.
The digital input has 0.8V and 2.4V logic thresholds,
ensuring TTL/CMOS-logic compatibility when using a
single +5V supply.
_________________________Applications
Battery-Operated Equipment
Audio and Video Signal Routing
Low-Voltage Data-Acquisition Systems
Communications Circuits
PCMCIA Cards
Cellular Phones
Modems
_____________________________Features
o Available in SOT23-5 and SC70-5 Packages
o +2V to +12V Single-Supply Operation
o Guaranteed On-Resistance: 250Ω at +5V
o Guaranteed Low Off-Leakage Current
1nA at +25°C
10nA at +85°C
o Guaranteed Low On-Leakage Current
2nA at +25°C
20nA at +85°C
o Low Charge Injection: 10pC
o Fast Switching Speed: tON = 75ns, tOFF = 50ns
o TTL/CMOS-Logic Compatible with +5V Supply
Low-Voltage, SPST, CMOS Analog Switches
________________________________________________________________ Maxim Integrated Products
1
N.C. = NOT INTERNALLY CONNECTED
NO
IN
GND
1
5
V+
COM
MAX4501
SC70-5/SOT23-5
2
3
4
NC
IN
GND
1
5
V+
COM
MAX4502
SC70-5/SOT23-5
2
3
4
INPUT
LOW
HIGH
SWITCH STATE
MAX4501
OFF
ON
MAX4502
ON
OFF
TOP VIEW
IN
N.C.
N.C.
V+
1
2
8
7
NO
GND
N.C.
COM
MAX4501
SO/DIP
3
4
6
5
IN
N.C.
N.C.
V+
1
2
8
7
NC
GND
N.C.
COM
MAX4502
SO/DIP
3
4
6
5
_______________________Pin Configurations/Functional Diagrams/Truth Table
19-1062; Rev 1; 11/99
PART
MAX4501CUK-T
MAX4501CSA
MAX4501CPA
0°C to +70°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-
PACKAGE
5 SOT23-5
8 SO
8 Plastic DIP
________________Ordering Information
Ordering Information continued at end of data sheet.
*Contact factory for dice specifications.
**Contact factory for availability.
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
MAX4501C/D
0°C to +70°C
Dice*
MAX4501EUK-T
-40°C to +85°C
5 SOT23-5
MAX4501ESA
-40°C to +85°C
8 SO
MAX4501EPA
-40°C to +85°C
8 Plastic DIP
MAX4501MJA
-55°C to +125°C
8 CERDIP**
Rail-to-Rail is a registered trademark of Nippon Motorola, Ltd.
MAX4501EXK-T
-40°C to +85°C
5 SC70-5
TOP
MARK
AAAA
—
—
—
AAAA
—
—
—
AAE


Similar Part No. - MAX4501ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4501ESA MAXIM-MAX4501ESA Datasheet
319Kb / 8P
Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
More results

Similar Description - MAX4501ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4066 MAXIM-MAX4066 Datasheet
112Kb / 12P
Low-Cost, Low-Voltage, Quad, SPST, CMOS Analog Switches
19-0439; Rev 1; 3/96
MAX4503 MAXIM-MAX4503 Datasheet
114Kb / 12P
Low-Voltage, Dual-Supply, SPST, CMOS Analog Switches
Rev 0; 6/96
MAX4610 MAXIM-MAX4610 Datasheet
1Mb / 13P
Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 2; 11/03
MAX4651 MAXIM-MAX4651 Datasheet
399Kb / 15P
Low-Voltage, 4?? Quad, SPST, CMOS Analog Switches
Rev 2; 2/02
MAX4706 MAXIM-MAX4706 Datasheet
375Kb / 11P
Low-Voltage, 2ohm, SPST, CMOS Analog Switches
Rev 0; 1/04
MAX4610 MAXIM-MAX4610_07 Datasheet
422Kb / 13P
Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 5; 6/07
MAX4610 MAXIM-MAX4610_09 Datasheet
162Kb / 11P
Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 6; 5/09
MAX4514EUK-T MAXIM-MAX4514EUK-T Datasheet
396Kb / 8P
Low-Voltage, Low-On-Resistance, SPST, CMOS Analog Switches
Rev 1; 5/05
MAX4502EUKT MAXIM-MAX4502EUKT Datasheet
319Kb / 8P
Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
MAX4645 MAXIM-MAX4645_V01 Datasheet
346Kb / 11P
Fast, Low-Voltage, 2.5?? SPST, CMOS Analog Switches
19-1653; Rev 2; 2/04
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com