Electronic Components Datasheet Search
  English  ▼

X  

IRH9250 Datasheet(PDF) 2 Page - International Rectifier

Part # IRH9250
Description  Simple Drive Requirements
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRH9250 Datasheet(HTML) 2 Page - International Rectifier

  IRH9250 Datasheet HTML 1Page - International Rectifier IRH9250 Datasheet HTML 2Page - International Rectifier IRH9250 Datasheet HTML 3Page - International Rectifier IRH9250 Datasheet HTML 4Page - International Rectifier IRH9250 Datasheet HTML 5Page - International Rectifier IRH9250 Datasheet HTML 6Page - International Rectifier IRH9250 Datasheet HTML 7Page - International Rectifier IRH9250 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
www.irf.com
IRH9250
Pre-Irradiation
Note: Corresponding Spice and Saber models are available on the G&S Website.
For footnotes refer to the last page
Source-Drain Diode Ratings and Characteristics
Parameter
Min Typ Max Units
Test Conditions
IS
Continuous Source Current (Body Diode)
—
—
-14
ISM
Pulse Source Current (Body Diode)
À
—
—
-56
VSD Diode Forward Voltage
—
—
-3.6
V
Tj = 25°C, IS = -14A, VGS = 0V Ã
trr
Reverse Recovery Time
—
—
775
ns
Tj = 25°C, IF = -14A, di/dt ≤ -100A/µs
QRR Reverse Recovery Charge
—
—
7.2
µC
VDD ≤ -50V Ã
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible. Turn-on speed is substantially controlled by LS + LD.
A
Thermal Resistance
Parameter
Min Typ Max Units
Test Conditions
RthJC
Junction-to-Case
—
—
0.83
RthJA
Junction-to-Ambient
—
—
30
°C/W
Typical socket mount
RthCS
Case-to-Sink
— 0.12
—
Electrical Characteristics @ Tj = 25°C (Unless Otherwise Specified)
Parameter
Min
Typ Max Units
Test Conditions
BVDSS
Drain-to-Source Breakdown Voltage
-200
—
—
V
VGS = 0V, ID = -1.0mA
∆BVDSS/∆TJ Temperature Coefficient of Breakdown
—
-0.24
—
V/°C
Reference to 25°C, ID = -1.0mA
Voltage
RDS(on)
Static Drain-to-Source On-State
—
—
0.315
Ω
VGS = -12V, ID = -9A
Resistance
—
—
0.33
VGS = -12V, ID = -14A
VGS(th)
Gate Threshold Voltage
-2.0
—
-4.0
V
VDS = VGS, ID = -1.0mA
gfs
Forward Transconductance
4.0
—
—
S
VDS = -15V, IDS = -9A Ã
IDSS
Zero Gate Voltage Drain Current
—
—
-25
VDS = -160V ,VGS=0V
—
—
-250
VDS = -160V,
VGS = 0V, TJ = 125°C
IGSS
Gate-to-Source Leakage Forward
—
—
-100
VGS = -20V
IGSS
Gate-to-Source Leakage Reverse
—
—
100
VGS = 20V
Qg
Total Gate Charge
—
—
200
VGS =-12V, ID = -14A
Qgs
Gate-to-Source Charge
—
—
45
nC
VDS = -100V
Qgd
Gate-to-Drain (‘Miller’) Charge
—
—
85
td(on)
Turn-On Delay Time
—
—
60
VDD =-100V, ID = -14A
tr
Rise Time
—
—
240
VGS =-12V, RG = 2.35Ω
td(off)
Turn-Off Delay Time
—
—
225
tf
Fall Time
—
—
220
LS + LD
Total Inductance
—
10
—
Measured from Drain lead (6mm /0.25in from
package) to Source lead (6mm /0.25in.
from
Package) with Source wires internally
bonded from Source Pin to Drain Pad
Ciss
Input Capacitance
—
4200
—
VGS = 0V, VDS = -25V
Coss
Output Capacitance
—
690
—
pF
f = 1.0MHz
Crss
Reverse Transfer Capacitance
—
160
—
nA
Ã
nH
ns
µA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com