Electronic Components Datasheet Search
  English  ▼

X  

IRH9250 Datasheet(PDF) 3 Page - International Rectifier

Part # IRH9250
Description  Simple Drive Requirements
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRH9250 Datasheet(HTML) 3 Page - International Rectifier

  IRH9250 Datasheet HTML 1Page - International Rectifier IRH9250 Datasheet HTML 2Page - International Rectifier IRH9250 Datasheet HTML 3Page - International Rectifier IRH9250 Datasheet HTML 4Page - International Rectifier IRH9250 Datasheet HTML 5Page - International Rectifier IRH9250 Datasheet HTML 6Page - International Rectifier IRH9250 Datasheet HTML 7Page - International Rectifier IRH9250 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.irf.com
3
Pre-Irradiation
IRH9250
Table 1. Electrical Characteristics @ Tj = 25°C, Post Total Dose Irradiation ÄÅ
Parameter
100K Rads(Si)1
300K Rads (Si)2 Units
Test Conditions
Min
Max
Min
Max
BVDSS
Drain-to-Source Breakdown Voltage
-200
—
-200
—
V
VGS = 0V, ID = -1.0mA
VGS(th)
Gate Threshold Voltage
-2.0
-4.0
-2.0
-5.0
VGS = VDS, ID = -1.0mA
IGSS
Gate-to-Source Leakage Forward
—
-100
—
-100
nA
VGS = -20V
IGSS
Gate-to-Source Leakage Reverse
—
100
—
100
VGS = 20 V
IDSS
Zero Gate Voltage Drain Current
—
-25
—
-25
µA
VDS = -160V, VGS = 0V
RDS(on)
Static Drain-to-Source
Ã
—
0.315
—
0.315
Ω
VGS = -12V, ID =-9A
On-State Resistance
VSD
Diode Forward Voltage
Ã
—
-1.9
—
-1.9
V
VGS = 0V, IS = -14A
International Rectifier Radiation Hardened MOSFETs are tested to verify their radiation hardness capability.
The hardness assurance program at International Rectifier is comprised of two radiation environments.
Every manufacturing lot is tested for total ionizing dose (per notes 5 and 6) using the TO-3 package. Both
pre- and post-irradiation performance are tested and specified using the same drive circuitry and test
conditions in order to provide a direct comparison.
Radiation Characteristics
Fig a. Typical Single Event Effect, Safe Operating Area
International Rectifier radiation hardened MOSFETs have been characterized in heavy ion environment for
Single Event Effects (SEE). Single Event Effects characterization is illustrated in Fig. a and Table 2.
For footnotes refer to the last page
Table 2. Typical Single Event Effect Safe Operating Area
-250
-200
-150
-100
-50
0
0
5
10
15
20
VGS
Cu
Br
n
o
I
T
E
L
))
²
m
c
/
g
m
(/
V
e
M
y
g
r
e
n
E
)
V
e
M
(
e
g
n
a
R
)
m
µ
(
)
V
(
S
D
V
V
0
=
S
G
V
@V
5
=
S
G
V
@V
0
1
=
S
G
V
@V
5
1
=
S
G
V
@V
0
2
=
S
G
V
@
u
C8
25
8
23
40
0
2
-0
0
2
-0
0
2
-0
0
2—
r
B8
.
6
35
0
39
30
0
2
-0
0
2
-0
6
1
-5
7
-—
1. Part number IRH9250
2. Part number IRH93250



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com