Electronic Components Datasheet Search
  English  ▼

X  

IRH9250 Datasheet(PDF) 1 Page - International Rectifier

Part # IRH9250
Description  Simple Drive Requirements
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRH9250 Datasheet(HTML) 1 Page - International Rectifier

  IRH9250 Datasheet HTML 1Page - International Rectifier IRH9250 Datasheet HTML 2Page - International Rectifier IRH9250 Datasheet HTML 3Page - International Rectifier IRH9250 Datasheet HTML 4Page - International Rectifier IRH9250 Datasheet HTML 5Page - International Rectifier IRH9250 Datasheet HTML 6Page - International Rectifier IRH9250 Datasheet HTML 7Page - International Rectifier IRH9250 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Absolute Maximum Ratings
Parameter
Units
ID @ VGS = -12V, TC = 25°C Continuous Drain Current
-14
ID @ VGS = -12V, TC = 100°C Continuous Drain Current
-9.0
IDM
Pulsed Drain Current
À
-56
PD @ TC = 25°C
Max. Power Dissipation
150
W
Linear Derating Factor
1.2
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy
Á
500
mJ
IAR
Avalanche Current
À
-14
A
EAR
Repetitive Avalanche Energy
À
15
mJ
dv/dt
Peak Diode Recovery dv/dt
Â
-41
V/ns
TJ
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
°C
Lead Temperature
300 (0.063 in.(1.6mm) from case for 10s)
Weight
11.5 (Typical )
g
Pre-Irradiation
International Rectifier’s RADHard HEXFET®
technology provides high performance power
MOSFETs for space applications. This technology
has over a decade of proven performance and
reliability in satellite applications. These devices
have been characterized for both Total Dose and
Single Event Effects (SEE). The combination of
low Rdson and low gate charge reduces the power
losses in switching applications such as DC to DC
converters and motor control. These devices retain
all of the well established advantages of MOSFETs
such as voltage control, fast switching, ease of
paralleling and temperature stability of electrical
parameters.
A
RADIATION HARDENED
POWER MOSFET
THRU-HOLE (T0-204AE)
05/13/14
www.irf.com
1
Product Summary
Part Number
Radiation Level
RDS(on)
ID
IRH9250
100K Rads (Si)
0.315
Ω -14A
IRH93250
300K Rads (Si)
0.315
Ω -14A
For footnotes refer to the last page
IRH9250
200V, P-CHANNEL
RAD Hard
™ HEXFET
® TECHNOLOGY
TO-204AE
Features:
n Single Event Effect (SEE) Hardened
n Low RDS(on)
n Low Total Gate Charge
n Proton Tolerant
n Simple Drive Requirements
n Ease of Paralleling
n Hermetically Sealed
n Ceramic Package
n Light Weight
PD-91392D


Similar Part No. - IRH9250

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRH9250 IRF-IRH9250 Datasheet
163Kb / 4P
TRANSISTOR P-CHANNEL(BVdss=-200V, Rds(on)=0.315ohm, Id=-14A)
More results

Similar Description - IRH9250

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFAE30 IRF-IRFAE30_15 Datasheet
150Kb / 7P
Simple Drive Requirements
IRFE110 IRF-IRFE110_15 Datasheet
203Kb / 7P
Simple Drive Requirements
IRFE210 IRF-IRFE210_15 Datasheet
161Kb / 7P
Simple Drive Requirements
IRFE220 IRF-IRFE220_15 Datasheet
197Kb / 7P
Simple Drive Requirements
IRFE230 IRF-IRFE230_15 Datasheet
167Kb / 7P
Simple Drive Requirements
IRFE9220 IRF-IRFE9220_15 Datasheet
138Kb / 7P
Simple Drive Requirements
IRFF9210 IRF-IRFF9210_15 Datasheet
134Kb / 7P
Simple Drive Requirements
IRFM054 IRF-IRFM054_15 Datasheet
193Kb / 7P
Simple Drive Requirements
IRFM240 IRF-IRFM240_15 Datasheet
241Kb / 7P
Simple Drive Requirements
IRFM250 IRF-IRFM250_15 Datasheet
206Kb / 7P
Simple Drive Requirements
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com