Electronic Components Datasheet Search
  English  ▼

X  

MAX4545C/D Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4545C/D
Description  Quad/Dual, Low-Voltage, Bidirectional RF/Video Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4545C/D Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4545C/D Datasheet HTML 1Page - Maxim Integrated Products MAX4545C/D Datasheet HTML 2Page - Maxim Integrated Products MAX4545C/D Datasheet HTML 3Page - Maxim Integrated Products MAX4545C/D Datasheet HTML 4Page - Maxim Integrated Products MAX4545C/D Datasheet HTML 5Page - Maxim Integrated Products MAX4545C/D Datasheet HTML 6Page - Maxim Integrated Products MAX4545C/D Datasheet HTML 7Page - Maxim Integrated Products MAX4545C/D Datasheet HTML 8Page - Maxim Integrated Products MAX4545C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
_______________General Description
The MAX4545/MAX4546/MAX4547 are low-voltage
T-switches designed for switching RF and video signals
from DC to 300MHz in 50
Ω and 75Ω systems. The
MAX4545 contains four normally open single-pole/single-
throw (SPST) switches. The MAX4546 contains two dual
SPST switches (one normally open, one normally closed.)
The MAX4547 contains two single-pole/double-throw
(SPDT) switches.
Each switch is constructed in a “T” configuration, ensuring
excellent high-frequency off isolation and crosstalk of
-80dB at 10MHz. They can handle Rail-to-Rail® analog sig-
nals in either direction. On-resistance (20
Ω max) is
matched between switches to 1
Ω max and is flat (0.5Ω
max) over the specified signal range, using ±5V supplies.
The off leakage current is less than 5nA at +25°C and
50nA at +85°C.
These CMOS switches can operate with dual power sup-
plies ranging from ±2.7V to ±6V or a single supply
between +2.7V and +12V. All digital inputs have 0.8V/2.4V
logic thresholds, ensuring both TTL- and CMOS-logic com-
patibility when using ±5V or a single +5V supply.
________________________Applications
RF Switching
Video Signal Routing
High-Speed Data Acquisition
Test Equipment
ATE Equipment
Networking
____________________________Features
o Low 50
Ω Insertion Loss: -1dB at 100MHz
o High 50
Ω Off Isolation: -80dB at 10MHz
o Low 50
Ω Crosstalk: -80dB at 10MHz
o DC to 300MHz -3dB Signal Bandwidth
o 20
Ω Signal Paths with ±5V Supplies
o 1
Ω Signal-Path Matching with ±5V Supplies
o 0.5
Ω Signal-Path Flatness with ±5V Supplies
o ±2.7V to ±6V Dual Supplies
+2.7V to +12V Single Supply
o Low Power Consumption: <1µW
o Rail-to-Rail Bidirectional Signal Handling
o Pin Compatible with Industry-Standard DG540,
DG542, DG643
o >2kV ESD Protection per Method 3015.7
o TTL/CMOS-Compatible Inputs
with Single +5V or ±5V
Quad/Dual, Low-Voltage,
Bidirectional RF/Video Switches
________________________________________________________________
Maxim Integrated Products
1
TOP VIEW
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
MAX4546
DIP/SO/QSOP
IN2
COM2
GND2
NO2
V+
NC3
GND3
COM3
N01
GND1
COM1
IN1
COM4
GND4
NC4
V-
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
IN2
COM2
GND2
NO2
N01
GND1
COM1
IN1
V+
GND6
N03
GND3
GND4
N04
GND5
V-
12
11
9
10
COM3
IN3
IN4
COM4
MAX4545
DIP/SO/SSOP
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
MAX4547
DIP/SO/QSOP
N02
V+
GND2
COM2
GND3
V-
NC2
IN2
GND1
V-
N01
IN1
NC1
V+
GND4
COM1
MAX4545
SWITCHES SHOWN
FOR LOGIC “0” INPUT
LOGIC
SWITCH
0
1
OFF
ON
MAX4547
LOGIC
NO-COM
0
1
OFF
ON
NC-COM
ON
OFF
MAX4546
LOGIC
1, 2
0
1
OFF
ON
3, 4
ON
OFF
_____________________Pin Configurations/Functional Diagrams/Truth Tables
19-1232; Rev 0; 6/97
______________Ordering Information
Ordering Information continued at end of data sheet.
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800
Rail-to-Rail is a registered trademark of Nippon Motorola Ltd.
PART
MAX4545CPP
MAX4545CWP
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
20 Plastic DIP
20 Wide SO


Similar Part No. - MAX4545C/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX454 MAXIM-MAX454 Datasheet
301Kb / 8P
CMOS Video Multiplexer/Amplifier
Rev. 0; 7/87
MAX4540 MAXIM-MAX4540 Datasheet
247Kb / 20P
Low-Voltage, Single 8-to-1 and Dual 4-to-1 Cal-Multiplexers
Rev 1; 6/99
MAX4540CAP MAXIM-MAX4540CAP Datasheet
247Kb / 20P
Low-Voltage, Single 8-to-1 and Dual 4-to-1 Cal-Multiplexers
Rev 1; 6/99
MAX4540CPP MAXIM-MAX4540CPP Datasheet
247Kb / 20P
Low-Voltage, Single 8-to-1 and Dual 4-to-1 Cal-Multiplexers
Rev 1; 6/99
MAX4540CWP MAXIM-MAX4540CWP Datasheet
247Kb / 20P
Low-Voltage, Single 8-to-1 and Dual 4-to-1 Cal-Multiplexers
Rev 1; 6/99
More results

Similar Description - MAX4545C/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
IH5341 MAXIM-IH5341 Datasheet
337Kb / 4P
Dual/Quad RF/Video Switches
19-0946; Rev 1a; 12/94
MAX4529 MAXIM-MAX4529 Datasheet
123Kb / 12P
Low-Voltage, Bidirectional RF/Video Switch
Rev 0; 3/98
MAX4565 MAXIM-MAX4565 Datasheet
166Kb / 16P
Quad/Dual, Low-Voltage, Bidirectional RF/Video Switches
Rev 0; 7/97
logo
Vishay Siliconix
DG9424 VISHAY-DG9424 Datasheet
94Kb / 9P
Low-Voltage, Dual Supply, Low rON, Quad SPST Analog Switches
16-Jun-03
DG9424 VISHAY-DG9424_09 Datasheet
169Kb / 12P
Low-Voltage, Dual Supply, Low RON, Quad SPST Analog Switches
31-Aug-09
DG2018DN-T1-E4 VISHAY-DG2018DN-T1-E4 Datasheet
141Kb / 10P
Low Voltage, Dual DPDT and Quad SPDT Analog Switches
03-Nov-08
logo
Maxim Integrated Produc...
MAX14611 MAXIM-MAX14611_14 Datasheet
574Kb / 15P
Quad Bidirectional Low-Voltage Quad Bidirectional Low-Voltage
Rev 0; 4/12
MAX4565 MAXIM-MAX4565_V01 Datasheet
1Mb / 17P
Quad/Dual, Low-Voltage, Bidirectional RF/Video Switches
2021
logo
Vishay Siliconix
DG9426 VISHAY-DG9426_V01 Datasheet
231Kb / 13P
Low Voltage, Dual Supply, Low RON, Quad SPST Analog Switches
21-Mar-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com