Electronic Components Datasheet Search
  English  ▼

X  

MAX4545C/D Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX4545C/D
Description  Quad/Dual, Low-Voltage, Bidirectional RF/Video Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4545C/D Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX4545C/D Datasheet HTML 8Page - Maxim Integrated Products MAX4545C/D Datasheet HTML 9Page - Maxim Integrated Products MAX4545C/D Datasheet HTML 10Page - Maxim Integrated Products MAX4545C/D Datasheet HTML 11Page - Maxim Integrated Products MAX4545C/D Datasheet HTML 12Page - Maxim Integrated Products MAX4545C/D Datasheet HTML 13Page - Maxim Integrated Products MAX4545C/D Datasheet HTML 14Page - Maxim Integrated Products MAX4545C/D Datasheet HTML 15Page - Maxim Integrated Products MAX4545C/D Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Quad/Dual, Low-Voltage,
Bidirectional RF/Video Switches
12
______________________________________________________________________________________
MAX4545
MAX4545
MAX4545
MAX4545
GND6
COM1
COM2
COM3
COM4
GND1
NO1
NO2
NO3
NO4
50/75
Ω
OUT/IN
50/75
Ω
OUT/IN
GND5
V-
V-
10nF
V+
V+
2 TO 4 CHANNELS
MORE THAN 4 CHANNELS
10nF
GND2
GND3
GND4
IN1
IN1
IN2
IN2
IN3
IN3
IN4
IN4
1
OUT
2
3
4
1
2
3
4
1
OUT
TO
ADDITIONAL
MUXES
2
3
4
5
6
7
8
1
OUT
2
3
4
ADDRESS
DECODING
Figure 3. 4-Channel Multiplexer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com