Electronic Components Datasheet Search
  English  ▼

X  

MAX4545C/D Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX4545C/D
Description  Quad/Dual, Low-Voltage, Bidirectional RF/Video Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4545C/D Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX4545C/D Datasheet HTML 8Page - Maxim Integrated Products MAX4545C/D Datasheet HTML 9Page - Maxim Integrated Products MAX4545C/D Datasheet HTML 10Page - Maxim Integrated Products MAX4545C/D Datasheet HTML 11Page - Maxim Integrated Products MAX4545C/D Datasheet HTML 12Page - Maxim Integrated Products MAX4545C/D Datasheet HTML 13Page - Maxim Integrated Products MAX4545C/D Datasheet HTML 14Page - Maxim Integrated Products MAX4545C/D Datasheet HTML 15Page - Maxim Integrated Products MAX4545C/D Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Quad/Dual, Low-Voltage,
Bidirectional RF/Video Switches
______________________________________________________________________________________
15
N.C. = NO INTERNAL CONNECTION
TRANSISTOR COUNT: 253
SUBSTRATE INTERNALLY CONNECTED TO V-
GND2
GND5
GND4
NO4
V-
NO1
COM3
0.101"
(2.565mm)
0.085"
(2.159mm)
COM4
IN4 IN3
GND6
V+
NO2
N.C.
NO3
GND3
COM1
IN1 IN2
COM2
GND1
N.C.
MAX4545
GND2
GND4
N.C.
COM1
N.C.
N.C.
NC2
0.101"
(2.565mm)
0.085"
(2.159mm)
V+
NC1 IN2
COM2
N.C.
N.C.
V-
N.C.
GND3
NO1
IN1 IN2
V+
GND1
V-
MAX4547
GND2
N.C.
N.C.
NC4
V-
NO1
GND3
0.101"
(2.565mm)
MAX4546
GND4
COM4 COM3
N.C.
V+
NO2
N.C.
NC3
0.085"
(2.159mm)
COM1
IN1 IN2
COM2
GND1
N.C.
+5V
10nF
0V OR V+
V+
IN_
ALL GND_ PINS ARE CONNECTED TO GROUND PLANE (0V).
NO_
NC_
COM_
MAX4545
MAX4546
MAX4547
1MHz
CAPACITANCE
ANALYZER
GND_
V-
10nF
-5V
Figure 8. NO_, NC_, COM_ Capacitance
_________________Chip Topographies
Test Circuits/Timing
______________Diagrams (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com