Electronic Components Datasheet Search
  English  ▼

X  

OPA316 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA316
Description  OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA316 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA316 Datasheet HTML 9Page - Texas Instruments OPA316 Datasheet HTML 10Page - Texas Instruments OPA316 Datasheet HTML 11Page - Texas Instruments OPA316 Datasheet HTML 12Page - Texas Instruments OPA316 Datasheet HTML 13Page - Texas Instruments OPA316 Datasheet HTML 14Page - Texas Instruments OPA316 Datasheet HTML 15Page - Texas Instruments OPA316 Datasheet HTML 16Page - Texas Instruments OPA316 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
10
100
1k
10k
1
10
100
1k
10k
100k
1M
10M 100M 1000M
Frequency (Hz)
C024
0
10
20
30
40
50
0p
100p
200p
300p
Capacitive Load (F)
C025
±
+
RI = 1 kohm
VIN = 100 mVpp
+ 2.75 V
± 2.75 V
CL
Device
+
±
RF = 1 kohm
250
275
300
325
350
375
400
425
450
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
Supply Voltage (V)
C001
350
375
400
425
450
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C001
V
S = 5.5 V
V
S = 1.8 V
-120
-100
-80
-60
0.0001
0.001
0.01
0.1
10
100
1k
10k
100k
Frequency (Hz)
G = +1 V/V, RL = 10 k
G = +1 V/V, RL = 2 k
G = -1 V/V, RL = 10 k
G = -1 V/V, RL = 2 k
C017
G = +1 V/V, R
L
N
G = +1 V/V, R
L
N
G = -1 V/V, R
L
N
G = -1 V/V, R
L
N
-140
-120
-100
-80
-60
-40
0.00001
0.0001
0.001
0.01
0.1
1.
0.001
0.01
0.1
1
10
Output Amplitude (VRMS)
G = +1 V/V, RL = 2 k
G = -1 V/V, RL = 10 k
G = -1 V/V, RL = 2 k
C018
G = +1 V/V, R
L
N
G = +1 V/V, R
L
N
G = -1 V/V, R
L
N
G = -1 V/V, R
L
N
OPA316, OPA2316, OPA2316S, OPA4316
www.ti.com
SBOS703D – APRIL 2014 – REVISED DECEMBER 2014
Typical Characteristics (continued)
At TA = 25°C, VS = 5.5 V, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VOUT = VS / 2, unless otherwise noted.
BW = 80 kHz, VOUT = 0.5 VRMS
ƒ = 1 kHz, BW = 80 kHz
Figure 19. THD + N vs Frequency
Figure 20. THD + N vs Amplitude
Figure 21. Quiescent Current vs Supply Voltage
Figure 22. Quiescent Current vs Temperature
V+ = 2.75 V, V– = –2.75 V, G = –1 V/V
Figure 23. Open-Loop Output Impedance vs Frequency
Figure 24. Small-Signal Overshoot vs Load Capacitance
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: OPA316 OPA2316 OPA2316S OPA4316



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com