Electronic Components Datasheet Search
  English  ▼

X  

OPA316 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # OPA316
Description  OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA316 Datasheet(HTML) 19 Page - Texas Instruments

Back Button OPA316 Datasheet HTML 15Page - Texas Instruments OPA316 Datasheet HTML 16Page - Texas Instruments OPA316 Datasheet HTML 17Page - Texas Instruments OPA316 Datasheet HTML 18Page - Texas Instruments OPA316 Datasheet HTML 19Page - Texas Instruments OPA316 Datasheet HTML 20Page - Texas Instruments OPA316 Datasheet HTML 21Page - Texas Instruments OPA316 Datasheet HTML 22Page - Texas Instruments OPA316 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 46 page
background image
OPA316, OPA2316, OPA2316S, OPA4316
www.ti.com
SBOS703D – APRIL 2014 – REVISED DECEMBER 2014
Feature Description (continued)
NOTE
Connect the exposed lead frame die pad on the bottom of the DFN package to the most
negative potential (V–).
7.4 Device Functional Modes
The OPA316, OPA2316, and OPA4316 are powered on when the supply is connected. The devices can be
operated as a single-supply operational amplifier or a dual-supply amplifier, depending on the application.
The OPA2316S has a SHDN (enable) pin function referenced to the negative supply voltage of the operational
amplifier. A logic level high enables the operational amplifier. A valid logic high is defined as voltage [(V+) – 0.1
V], up to (V+), applied to the SHDN pin. A valid logic low is defined as [(V–) + 0.1 V], down to (V–), applied to the
enable pin. The maximum allowed voltage applied to SHDN is 5.5 V with respect to the negative supply,
independent of the positive supply voltage. Connect this pin to a valid high or a low voltage or driven, but not left
as an open circuit.
The logic input is a high-impedance CMOS input. Both inputs are independently controlled. For battery-operated
applications, this feature can be used to greatly reduce the average current and extend battery life.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: OPA316 OPA2316 OPA2316S OPA4316



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com