Electronic Components Datasheet Search
  English  ▼

X  

OPA316 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # OPA316
Description  OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA316 Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA316 Datasheet HTML 17Page - Texas Instruments OPA316 Datasheet HTML 18Page - Texas Instruments OPA316 Datasheet HTML 19Page - Texas Instruments OPA316 Datasheet HTML 20Page - Texas Instruments OPA316 Datasheet HTML 21Page - Texas Instruments OPA316 Datasheet HTML 22Page - Texas Instruments OPA316 Datasheet HTML 23Page - Texas Instruments OPA316 Datasheet HTML 24Page - Texas Instruments OPA316 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
4
2
2
out
ref
in
3
4
1
1
R
R
R
V
V
1
V
R
R
R
R

§
· §
·
u
u


u
¨
¸ ¨
¸

©
¹
©
¹
out
in
V
V

2.7V
2.7V
R3
R4
R1
R2
Vout+
Vout-
V
+
Vdiff
Vref
2.5V
Vin
+
-
+
OPA316
+
-
+
OPA316
OPA316, OPA2316, OPA2316S, OPA4316
www.ti.com
SBOS703D – APRIL 2014 – REVISED DECEMBER 2014
8.2 Typical Application
Some applications require differential signals. Figure 41 shows a simple circuit to convert a single-ended input of
0.1 V to 2.4 V into a differential output of ±2.3 V on a single 2.7-V supply. The output range is intentionally limited
to maximize linearity. The circuit is composed of two amplifiers. One amplifier functions as a buffer and creates a
voltage, Vout+. The second amplifier inverts the input and adds a reference voltage to generate Vout–. Both
Vout+ and Vout– range from 0.1 V to 2.4 V. The difference, Vdiff, is the difference between Vout+ and Vout–.
This (TBD this what?) makes the differential output voltage range 2.3 V.
Figure 41. Schematic for a Single-Ended Input to Differential Output Conversion
8.2.1 Design Requirements
The design requirements are as follows:
•
Supply voltage: 2.7 V
•
Reference voltage: 2.5 V
•
Input: 0.1 V to 2.4 V
•
Output differential: ±2.3 V
•
Output common-mode voltage: 1.25 V
•
Small-signal bandwidth: 5 MHz
8.2.2 Detailed Design Procedure
The circuit in Figure 41 takes a single-ended input signal, Vin, and generates two output signals, Vout+ and
Vout– using two amplifiers and a reference voltage, Vref. Vout+ is the output of the first amplifier and is a
buffered version of the input signal, Vin (as shown in Equation 1). Vout– is the output of the second amplifier
which uses Vref to add an offset voltage to Vin and feedback to add inverting gain. The transfer function for
Vout– is given in Equation 2.
(1)
(2)
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: OPA316 OPA2316 OPA2316S OPA4316



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com