Electronic Components Datasheet Search
  English  ▼

X  

OPA2314ASDRBREP Datasheet(PDF) 4 Page - Texas Instruments

Part # OPA2314ASDRBREP
Description  3-MHz, LOW-POWER, LOW-NOISE, RRI/O, 1.8-V CMOS OPERATIONAL AMPLIFIER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2314ASDRBREP Datasheet(HTML) 4 Page - Texas Instruments

  OPA2314ASDRBREP Datasheet HTML 1Page - Texas Instruments OPA2314ASDRBREP Datasheet HTML 2Page - Texas Instruments OPA2314ASDRBREP Datasheet HTML 3Page - Texas Instruments OPA2314ASDRBREP Datasheet HTML 4Page - Texas Instruments OPA2314ASDRBREP Datasheet HTML 5Page - Texas Instruments OPA2314ASDRBREP Datasheet HTML 6Page - Texas Instruments OPA2314ASDRBREP Datasheet HTML 7Page - Texas Instruments OPA2314ASDRBREP Datasheet HTML 8Page - Texas Instruments OPA2314ASDRBREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
OPA2314-EP
SBOS597 – SEPTEMBER 2012
www.ti.com
ELECTRICAL CHARACTERISTICS: VS = +1.8 V to +5.5 V
(1) (continued)
Boldface limits apply over the specified temperature range: TA = –40°C to +150°C.
At TA = +25 °C, RL = 10 kΩ connected to VS/2, VCM = VS/2, and VOUT = VS/2, unless otherwise noted.
PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
FREQUENCY RESPONSE
VS = 1.8 V, RL = 10 kΩ, CL = 10 pF
2.7
MHz
GBW
Gain-bandwidth product
VS = 5.0 V, RL = 10 kΩ, CL = 10 pF
3
MHz
SR
Slew rate(3)
VS = 5.0 V, G = +1
1.5
V/
μs
To 0.1%, VS = 5.0 V, 2-V step , G = +1
2.3
μs
tS
Settling time
To 0.01%, VS = 5.0V, 2-V step , G = +1
3.1
μs
Overload recovery time
VS = 5.0 V, VIN × Gain > VS
5.2
μs
Total harmonic distortion +
THD+N
VS = 5.0 V, VO = 1 VRMS, G = +1, f = 1 kHz, RL = 10 kΩ
0.001
%
noise(4)
OUTPUT
VS = 1.8 V, RL = 10 kΩ
5
15
mV
VS = 5.5 V, RL = 10 kΩ
5
20
mV
Voltage output swing from supply
VO
rails
VS = 1.8 V, RL = 2 kΩ
15
30
mV
VS = 5.5 V, RL = 2 kΩ
22
40
mV
VS = 5.5 V, RL = 10 kΩ
30
mV
Over temperature
VS = 5.5 V, RL = 2 kΩ
60
mV
ISC
Short-circuit current
VS = 5.0 V
±20
mA
RO
Open-loop output impedance
VS = 5.5 V, f = 100 Hz
570
Ω
POWER SUPPLY
VS
Specified voltage range
1.8
5.5
V
VS = 1.8 V, IO = 0 mA
130
180
µA
IQ
Quiescent current per amplifier
VS = 5.0 V, IO = 0 mA
150
190
µA
Over temperature
VS = 5.0 V, IO = 0 mA
220
µA
Power-on time
VS = 0 V to 5 V, to 90% IQ level
44
µs
TEMPERATURE
Specified range
–40
+150
°C
Operating range
–40
+150
°C
Storage range
–65
+150
°C
(3)
Signifies the slower value of the positive or negative slew rate.
(4)
Third-order filter; bandwidth = 80 kHz at –3 dB.
THERMAL INFORMATION
OPA2314ASDRBTEP
THERMAL METRIC(1)
DRB (DFN)
UNITS
8 PINS
θJA
Junction-to-ambient thermal resistance
53.8
θJC(top)
Junction-to-case(top) thermal resistance
69.2
θJB
Junction-to-board thermal resistance
20.1
°C/W
ψJT
Junction-to-top characterization parameter
3.8
ψJB
Junction-to-board characterization parameter
20.0
θJC(bottom)
Junction-to-case(bottom) thermal resistance
11.6
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: OPA2314-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com