Electronic Components Datasheet Search
  English  ▼

X  

OPA2314ASDRBREP Datasheet(PDF) 8 Page - Texas Instruments

Part # OPA2314ASDRBREP
Description  3-MHz, LOW-POWER, LOW-NOISE, RRI/O, 1.8-V CMOS OPERATIONAL AMPLIFIER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2314ASDRBREP Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA2314ASDRBREP Datasheet HTML 4Page - Texas Instruments OPA2314ASDRBREP Datasheet HTML 5Page - Texas Instruments OPA2314ASDRBREP Datasheet HTML 6Page - Texas Instruments OPA2314ASDRBREP Datasheet HTML 7Page - Texas Instruments OPA2314ASDRBREP Datasheet HTML 8Page - Texas Instruments OPA2314ASDRBREP Datasheet HTML 9Page - Texas Instruments OPA2314ASDRBREP Datasheet HTML 10Page - Texas Instruments OPA2314ASDRBREP Datasheet HTML 11Page - Texas Instruments OPA2314ASDRBREP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
40
20
0
20
-
10k
100k
1M
10M
Frequency (Hz)
G = 1 V/V
-
G = +1 V/V
G = +10 V/V
V = 1.8 V
S
Output Current (mA)
-3
-2
-1
0
1
2
3
5
10
15
20
25
37.6
30
35
-
40°C
+25°C
+125°C
+150°C
6
5
4
3
2
1
0
10k
100k
1M
10M
Frequency (Hz)
V
= 5.5 V
IN
IN
IN
V
= 3.3 V
V
= 1.8 V
R = 10 k
C = 10 pF
W
L
L
100k
10k
1k
1
1
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
V = ±2.75 V
S
V = ±0.9 V
S
1000
900
800
700
600
500
400
300
200
100
0
-50
-25
0
25
50
75
100
125
150
Temperature (°C)
I
OS
I
B
0
1
2
3
4
5
Common-Mode Input Voltage (V)
0.5
1.5
2.5
3.5
4.5
5.5
20
18
16
14
12
10
V = ±2.75 V
f = 1 kHz
S
OPA2314-EP
SBOS597 – SEPTEMBER 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, RL = 10 kΩ connected to VS/2, VCM = VS/2, and VOUT = VS/2, unless otherwise noted.
VOLTAGE NOISE
INPUT BIAS AND OFFSET CURRENT
vs COMMON-MODE VOLTAGE
vs TEMPERATURE
Figure 14.
Figure 15.
OPEN-LOOP OUTPUT IMPEDANCE
MAXIMUM OUTPUT VOLTAGE
vs FREQUENCY
vs FREQUENCY AND SUPPLY VOLTAGE
Figure 16.
Figure 17.
OUTPUT VOLTAGE SWING
vs OUTPUT CURRENT (OVER TEMPERATURE)
CLOSED-LOOP GAIN vs FREQUENCY
Figure 18.
Figure 19.
8
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: OPA2314-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com