Electronic Components Datasheet Search
  English  ▼

X  

OPA2314ASDRBREP Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA2314ASDRBREP
Description  3-MHz, LOW-POWER, LOW-NOISE, RRI/O, 1.8-V CMOS OPERATIONAL AMPLIFIER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2314ASDRBREP Datasheet(HTML) 1 Page - Texas Instruments

  OPA2314ASDRBREP Datasheet HTML 1Page - Texas Instruments OPA2314ASDRBREP Datasheet HTML 2Page - Texas Instruments OPA2314ASDRBREP Datasheet HTML 3Page - Texas Instruments OPA2314ASDRBREP Datasheet HTML 4Page - Texas Instruments OPA2314ASDRBREP Datasheet HTML 5Page - Texas Instruments OPA2314ASDRBREP Datasheet HTML 6Page - Texas Instruments OPA2314ASDRBREP Datasheet HTML 7Page - Texas Instruments OPA2314ASDRBREP Datasheet HTML 8Page - Texas Instruments OPA2314ASDRBREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
OPA2314-EP
www.ti.com
SBOS597 – SEPTEMBER 2012
3-MHz, LOW-POWER, LOW-NOISE, RRI/O, 1.8-V CMOS OPERATIONAL AMPLIFIER
Check for Samples: OPA2314-EP
1
FEATURES
•
Low IQ: 150 µA/ch (max)
SUPPORTS DEFENSE, AEROSPACE,
AND MEDICAL APPLICATIONS
•
Wide Supply Range: 1.8 V to 5.5 V
•
Controlled Baseline
•
Low Noise: 14 nV/
√Hz at 1 kHz
•
One Assembly or Test Site
•
Gain Bandwidth: 3 MHz
•
One Fabrication Site
•
Low Input Bias Current: 0.2 pA
•
Available in Extended (–40°C to 150°C)
•
Low Offset Voltage: 0.5 mV
Temperature Range (1)
•
Unity-Gain Stable
•
Extended Product Life Cycle
•
Internal RF/EMI Filter
•
Extended Product-Change Notification
APPLICATIONS
•
Product Traceability
•
Battery-Powered Instruments:
–
Consumer, Industrial, Medical
–
Notebooks, Portable Media Players
•
Photodiode Amplifiers
•
Active Filters
•
Remote Sensing
•
Wireless Metering
•
Handheld Test Equipment
(1)
Additional temperature ranges available - contact factory
DESCRIPTION
The OPA2314 is a dual channel operational amplifier and represents a new generation of low-power, general-
purpose CMOS amplifiers. Rail-to-rail input and output swings, low quiescent current (150
μA typ at
5.0 VS) combined with a wide bandwidth of 3 MHz, and very low noise (14 nV/√Hz at 1 kHz) make this family
very attractive for a variety of battery-powered applications that require a good balance between cost and
performance. The low input bias current supports applications with mega-ohm source impedances.
The robust design of the OPA2314 provides ease-of-use to the circuit designer: unity-gain stability with
capacitive loads of up to 300 pF, an integrated RF/EMI rejection filter, no phase reversal in overdrive conditions,
and high ESD protection (4-kV HBM).
This device is optimized for low-voltage operation as low as +1.8 V (±0.9 V) and up to +5.5 V (±2.75 V), and is
specified over the full extended temperature range of –40°C to +150°C.
The OPA2314 (dual) is offered in a DFN-8 package.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - OPA2314ASDRBREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2314AID TI1-OPA2314AID Datasheet
1Mb / 31P
3-MHz, Low-Power, Low-Noise, RRI/O, 1.8-V CMOS OPERATIONAL AMPLIFIER
MARCH2012
OPA2314AID TI-OPA2314AID Datasheet
1Mb / 36P
3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2314AID TI1-OPA2314AID Datasheet
1Mb / 45P
Operational Amplifier
OPA2314AID TI2-OPA2314AID Datasheet
2Mb / 53P
OPAx314 3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
REVISED JUNE 2015
OPA2314AID.A TI2-OPA2314AID.A Datasheet
2Mb / 53P
OPAx314 3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
REVISED JUNE 2015
More results

Similar Description - OPA2314ASDRBREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA322 TI1-OPA322 Datasheet
1Mb / 29P
20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier with Shutdown
JUNE2012
OPA314 TI1-OPA314 Datasheet
1Mb / 31P
3-MHz, Low-Power, Low-Noise, RRI/O, 1.8-V CMOS OPERATIONAL AMPLIFIER
MARCH2012
OPA322_1111 TI1-OPA322_1111 Datasheet
1Mb / 34P
20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier with Shutdown
NOVEMBER2011
OPA4314AIPWR TI1-OPA4314AIPWR Datasheet
1Mb / 36P
3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2322A-Q1 TI1-OPA2322A-Q1 Datasheet
1Mb / 23P
20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier With Shutdown
OPA4314AIPWR TI-OPA4314AIPWR Datasheet
1Mb / 36P
3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA314 TI-OPA314_15 Datasheet
1Mb / 45P
OPAx314 3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2314-Q1 TI1-OPA2314-Q1 Datasheet
1Mb / 28P
3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA314-Q1 TI1-OPA314-Q1 Datasheet
1Mb / 38P
3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA322-Q1 TI1-OPA322-Q1_17 Datasheet
1Mb / 39P
20-MHz, Low-Noise, 1.8-V, RRI/O, CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com