Electronic Components Datasheet Search
  English  ▼

X  

MAX4599 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4599
Description  Low-Voltage, Single-Supply, SPDT Analog Switch in SC70
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4599 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4599 Datasheet HTML 1Page - Maxim Integrated Products MAX4599 Datasheet HTML 2Page - Maxim Integrated Products MAX4599 Datasheet HTML 3Page - Maxim Integrated Products MAX4599 Datasheet HTML 4Page - Maxim Integrated Products MAX4599 Datasheet HTML 5Page - Maxim Integrated Products MAX4599 Datasheet HTML 6Page - Maxim Integrated Products MAX4599 Datasheet HTML 7Page - Maxim Integrated Products MAX4599 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Low-Voltage, Single-Supply,
SPDT Analog Switch in SC70
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS— Single +5V Supply
(V+ = +4.5V to +5.5V, VINH = +2.4V, VINL = +0.8V, TA = TMIN to TMAX, unless otherwise noted.) (Notes 2, 3)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage Referenced to GND
V+ .........................................................................-0.3V to +6V
IN, COM, NO, NC (Note 1) ...........................-0.3V to (V+ + 0.3V)
Continuous Current (any terminal)....................................±20mA
Peak Current, COM, NO, NC
(pulsed at 1ms, 10% duty cycle)..................................±40mA
Continuous Power Dissipation (TA = +70°C)
6-Pin SC70-6 (derate 3.1mW/°C above +70°C)...........245mW
6-Pin SOT23-6 (derate 7.1mW/°C above +70°C) ........571mW
Operating Temperature Range
MAX4599E_T ...................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Note 1: Signals on NO, NC, COM, or IN exceeding V+ or GND are clamped by internal diodes. Limit forward-diode current to
maximum current rating.
DYNAMIC
DIGITAL I/O
ANALOG SWITCH
V+ = 4.5V, ICOM = 1mA,
VNO or VNC = 3.5V
CONDITIONS
V
0V+
VCOM,
VNO, VNC
Analog Signal Range
Ω
40
60
RON
On-Resistance
65
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
TA = +25°C
TA = TMIN to TMAX
TA = TMIN to TMAX
V+ = 4.5V, ICOM = 1A,
VNO or VNC = 3.5V
TA = +25°C
Ω
0.2
1
∆RON
On-Resistance Match Between
Channels (Note 4)
2
TA = TMIN to TMAX
V+ = 4.5V; ICOM = 1mA;
VNO or VNC = 1V, 2.0V,
3.5V
TA = +25°C
Ω
2.5
4
RFLAT(ON)
On-Resistance Flatness
(Note 5)
5
V+ = 5.5V; VCOM = 1V,
4.5V; VNO or VNC = 4.5V,
1V
TA = +25°C
nA
-0.5
0.01
0.5
INO(OFF),
INC(OFF)
NO, NC Off-Leakage Current
(Note 6)
TA = TMIN to TMAX
V+ = 5.5V; VCOM = 1V,
4.5V; VNO or VNC = 1V,
4.5V, or floating
TA = +25°C
nA
-1
0.01
1
ICOM(ON)
COM On-Leakage Current
(Note 6)
-10
10
TA = TMIN to TMAX
-5
5
V
2.4
VIH
Input Logic High
V
0.8
VIL
Input Logic Low
VNO, VNC = 3V;
RL = 1k
Ω; CL = 35pF;
Figure 2
TA = +25°C
ns
25
30
tON
Turn-On Time
TA = TMIN to TMAX
40
ANALOG SWITCH
DYNAMIC
DIGITAL I/O



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com