Electronic Components Datasheet Search
  English  ▼

X  

MAX4599 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4599
Description  Low-Voltage, Single-Supply, SPDT Analog Switch in SC70
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4599 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4599 Datasheet HTML 1Page - Maxim Integrated Products MAX4599 Datasheet HTML 2Page - Maxim Integrated Products MAX4599 Datasheet HTML 3Page - Maxim Integrated Products MAX4599 Datasheet HTML 4Page - Maxim Integrated Products MAX4599 Datasheet HTML 5Page - Maxim Integrated Products MAX4599 Datasheet HTML 6Page - Maxim Integrated Products MAX4599 Datasheet HTML 7Page - Maxim Integrated Products MAX4599 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Low-Voltage, Single-Supply,
SPDT Analog Switch in SC70
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—Single +5V Supply (continued)
(V+ =+4.5V to +5.5V, VINH = +2.4V, VINL = +0.8V, TA = TMIN to TMAX, unless otherwise noted.) (Notes 2, 3)
ELECTRICAL CHARACTERISTICS—Single +3V Supply
(V+ = +2.7V to +3.6V, VINH = +2.0V, VINL = +0.8V, TA =TMIN to TMAX, unless otherwise noted.) (Notes 2, 3)
VGEN = 0, RGEN = 0,
CL = 1.0nF, Figure 4
CL = 5pF; RL = 50
Ω;
f = 1MHz; VNO, VNC =
1VRMS; Figure 5
VNO, VNC = 3V;
RL = 1k
Ω; CL = 35pF;
Figure 3
Signal = 0dBm,
50
Ω in and out, Figure 5
CONDITIONS
pC
35
Q
Charge Injection (Note 6)
dB
-76
VISO
Off-Isolation (Note 7)
ns
10
tBBM
Break-Before-Make
MHz
200
BW
On-Channel -3dB Bandwidth
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
VNO, VNC = 3V;
RL = 1k
Ω; CL = 35pF;
Figure 2
TA = +25°C
20
25
tOFF
Turn-Off Time
TA = TMIN to TMAX
ns
30
NO, NC Off-Capacitance
CNO(OFF),
CNC(OFF)
VNO, VNC = GND;
f = 1MHz; Figure 6
8
pF
COM Off-Capacitance
CCOM(OFF)
VCOM = GND, f = 1MHz,
Figure 6
8
pF
Switch On-Capacitance
C(ON)
VCOM = VNO,
VNC = GND, f = 1MHz,
Figure 6
20
pF
Total Harmonic Distortion
THD
0.12
%
Power-Supply Range
V+
2.0
5.5
V
Positive Supply Current
I+
V+ = 5.5V, VIN = 0 or V+
-1
0.001
1
µA
TA = +25°C
RL = 600
Ω, VIN = 5Vp-p,
f = 20Hz to 20kHz
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
SUPPLY
TA = TMIN to TMAX
1
V+ = 2.7V, ICOM = 1mA,
VNO or VNC = 1V
CONDITIONS
V
0V+
VCOM,
VNO, VNC
Analog Signal Range
Ω
60
95
RON
On-Resistance
105
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
TA = +25°C
TA = TMIN to TMAX
V
2.0
VIH
Input Logic High
V
0.8
VIL
Input Logic Low
ANALOG SWITCH
DIGITAL I/O



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com