Electronic Components Datasheet Search
  English  ▼

X  

MAX4599 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4599
Description  Low-Voltage, Single-Supply, SPDT Analog Switch in SC70
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4599 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4599 Datasheet HTML 1Page - Maxim Integrated Products MAX4599 Datasheet HTML 2Page - Maxim Integrated Products MAX4599 Datasheet HTML 3Page - Maxim Integrated Products MAX4599 Datasheet HTML 4Page - Maxim Integrated Products MAX4599 Datasheet HTML 5Page - Maxim Integrated Products MAX4599 Datasheet HTML 6Page - Maxim Integrated Products MAX4599 Datasheet HTML 7Page - Maxim Integrated Products MAX4599 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Low-Voltage, Single-Supply,
SPDT Analog Switch in SC70
_______________________________________________________________________________________
5
0
60
40
20
80
A
B
C
D
100
120
0
2.0
1.5
0.5 1.0
2.5 3.0 3.5 4.0 4.5 5.0
ON-RESISTANCE vs. COM VOLTAGE
VCOM (V)
A: V+ = +2V
B: V+ = +2.5V
C: V+ = +3V
D: V+ = +4.5V
E: V+ = +5V
E
0
30
20
10
40
50
60
0
2.0
1.5
0.5 1.0
2.5 3.0 3.5 4.0 4.5 5.0
ON-RESISTANCE vs. COM VOLTAGE
(V+ = +5V)
VCOM (V)
TA = +85
°C
TA = +25
°C
TA = -40
°C
0
30
20
10
40
50
60
70
80
0
2.0
1.5
0.5
1.0
2.5
3.0
ON-RESISTANCE vs. COM VOLTAGE
(V+ = +3V)
VCOM (V)
TA = +85
°C
TA = +25
°C
TA = -40
°C
1
0.001
-40
-25
5
35
50
65
80
ON/OFF-LEAKAGE CURRENT vs.
TEMPERATURE
0.01
0.1
TEMPERATURE (
°C)
-10
20
V+ = +5V
ICOM(ON)
NO, NC(OFF)
-2
0
2
4
6
8
10
12
14
012345
CHARGE INJECTION vs. COM VOLTAGE
VCOM (V)
V+ = +5V
V- =+3V
10
0.01
-40 -30
-10
10 20 30 40 50 60 70 80
SUPPLY CURRENT vs. TEMPERATURE
0.1
1
TEMPERATURE (
°C)
-20
0
V+ = 5V
V+ = 3V
0
20
10
40
30
50
60
2.0
3.5
4.0
2.5
3.0
4.5
5.0
5.5
TURN-ON/TURN-OFF TIME vs.
SUPPLY VOLTAGE
VSUPPLY (V)
tON
tOFF
0
25
20
15
10
5
35
30
40
45
-40
-10 0
-30 -20
10 20 30 40 50 60 70 80
TURN-ON/TURN-OFF TIME vs.
TEMPERATURE
TEMPERATURE (
°C)
tON
tOFF
V+ = +5V
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com