Electronic Components Datasheet Search
  English  ▼

X  

MAX472CSA Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX472CSA
Description  Precision, High-Side Current-Sense Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX472CSA Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX472CSA Datasheet HTML 4Page - Maxim Integrated Products MAX472CSA Datasheet HTML 5Page - Maxim Integrated Products MAX472CSA Datasheet HTML 6Page - Maxim Integrated Products MAX472CSA Datasheet HTML 7Page - Maxim Integrated Products MAX472CSA Datasheet HTML 8Page - Maxim Integrated Products MAX472CSA Datasheet HTML 9Page - Maxim Integrated Products MAX472CSA Datasheet HTML 10Page - Maxim Integrated Products MAX472CSA Datasheet HTML 11Page - Maxim Integrated Products MAX472CSA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Peak Sense Current
The MAX471’s maximum sense current is 3ARMS. For
power-up, fault conditions, or other infrequent events,
larger peak currents are allowed, provided they are
short—that is, within a safe operating region, as shown
in Figure 5.
MAX472
RSENSE, RG1, and RG2 are externally connected on
the MAX472. VCC can be connected to either the
load/charge or power-source/battery side of the sense
resistor. Connect VCC to the load/charge side of
RSENSE if you want to include the MAX472 current drain
in the measured current.
Suggested Component Values
for Various Applications
The general circuit of Figure 4 is useful in a wide variety
of applications. It can be used for high-current applica-
tions (greater than 3A), and also for those where the full-
scale load current is less than the 3A of the MAX471.
Table 1 shows suggested component values and indi-
cates the resulting scale factors for various applications
required to sense currents from 100mA to 10A.
Higher or lower sense-current circuits can also be built.
Select components and calculate circuit errors using
the guidelines and formulas in the following section.
RSENSE
Choose RSENSE based on the following criteria:
a) Voltage Loss: A high RSENSE value will cause the
power-source voltage to degrade through IR loss.
For least voltage loss, use the lowest RSENSE value.
b) Accuracy: A high RSENSE value allows lower
currents to be measured more accurately. This is
because offsets become less significant when the
sense voltage is larger.
c) Efficiency and Power Dissipation: At high current
levels, the I2R losses in RSENSE may be significant.
Take this into consideration when choosing the
resistor value and power dissipation (wattage) rat-
ing. Also, if the sense resistor is allowed to heat up
excessively, its value may drift.
d) Inductance: If there is a large high-frequency com-
ponent to ISENSE, you will want to keep inductance
low. Wire-wound resistors have the highest induc-
tance, while metal film is somewhat better. Low-
inductance metal-film resistors are available. Instead
of being spiral wrapped around a core, as in metal-
film or wire-wound resistors, these are a straight
band of metal. They are made in values under 1
Ω.
e) Cost: If the cost of RSENSE becomes an issue, you
may want to use an alternative solution, as shown in
Figure 6. This solution uses the PC board traces to
create a sense resistor. Because of the inaccuracies
of the copper “resistor,” you will need to adjust the
full-scale current value with a potentiometer. Also,
the resistance temperature coefficient of copper is
fairly high (approximately 0.4%/°C), so systems that
experience a wide temperature variance should take
this into account.
Precision, High-Side
Current-Sense Amplifiers
_______________________________________________________________________________________
9
Table 1. Suggested Component Values for the MAX472
FULL-SCALE
LOAD
CURRENT,
ISENSE (A)
CURRENT-
SENSE
RESISTOR,
RSENSE
(m
Ω)
GAIN-SETTING
RESISTORS,
RG1 = RG2
(
Ω)
OUTPUT
RESISTOR,
ROUT
(k
Ω)
FULL-SCALE
OUTPUT
VOLTAGE,
VOUT (V)
SCALE
FACTOR,
VOUT/ISENSE
(V/A)
0.1
500
200
10
2.5
25
1
50
200
10
2.5
2.5
5
10
100
5
2.5
0.5
10
5
50
2
2
0.2
0.9
0.9
1.1
1.6
14
2.5
14
2.5
13
2.0
12
2.0
TYPICAL ERROR AT X%
OF FULL LOAD (%)
1%
100%
10%
50
45
0
10
µ
5
40
PULSE WIDTH (sec)
DIP safe
operating region
Small Outline safe
operating region
100
µ
1m
10m
30
35
15
20
25
10
DIP
fuse
time
Small
Outline
fuse
time
TA = +25°C
Figure 5. MAX471 Pulse Current Safe Operation for 10,000
Pulses and Fuse Time for Continuous Current. Pulse tests done
with 250mW average power dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com