Electronic Components Datasheet Search
  English  ▼

X  

MAX472CSA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX472CSA
Description  Precision, High-Side Current-Sense Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX472CSA Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX472CSA Datasheet HTML 2Page - Maxim Integrated Products MAX472CSA Datasheet HTML 3Page - Maxim Integrated Products MAX472CSA Datasheet HTML 4Page - Maxim Integrated Products MAX472CSA Datasheet HTML 5Page - Maxim Integrated Products MAX472CSA Datasheet HTML 6Page - Maxim Integrated Products MAX472CSA Datasheet HTML 7Page - Maxim Integrated Products MAX472CSA Datasheet HTML 8Page - Maxim Integrated Products MAX472CSA Datasheet HTML 9Page - Maxim Integrated Products MAX472CSA Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
_______________Detailed Description
The MAX471 and MAX472 current-sense amplifier’s
unique topology allows a simple design to accurately
monitor current flow. The MAX471/MAX472 contain two
amplifiers operating as shown in Figures 1 and 2. The
battery/load current flows from RS+ to RS- (or vice
versa) through RSENSE. Current flows through either
RG1 and Q1 or RG2 and Q2, depending on the sense-
resistor current direction. Internal circuitry, not shown in
Figures 1 and 2, prevents Q1 and Q2 from turning on at
the same time. The MAX472 is identical to the
MAX471, except that RSENSE and gain-setting resistors
RG1 and RG2 are external (Figure 2).
To analyze the circuit of Figure 1, assume that current
flows from RS+ to RS- and that OUT is connected to
GND through a resistor. In this case, amplifier A1 is
active and output current IOUT flows from the emitter of
Q1. Since no current flows through RG2 (Q2 is off), the
negative input of A1 is equal to VSOURCE - (ILOAD x
RSENSE). The open-loop gain of A1 forces its positive
input to essentially the same level as the negative input.
Therefore, the drop across RG1 equals I LOAD x
RSENSE. Then, since IOUT flows through Q1 and RG
(ignoring the extremely low base currents), IOUT x RG1
= ILOAD x RSENSE, or:
IOUT = (ILOAD x RSENSE) / RG1
Current Output
The output voltage equation for the MAX471/MAX472 is
given below. In the MAX471, the current-gain ratio has
been preset to 500µA/A so that an output resistor
(ROUT) of 2k
Ω yields 1V/A for a full-scale value of +3V
at ±3A. Other full-scale voltages can be set with differ-
ent ROUT values, but the output voltage can be no
greater than VRS+ - 1.5V for the MAX471 or VRG_ - 1.5V
for the MAX472.
VOUT = (RSENSE x ROUT x ILOAD) / RG
where VOUT = the desired full-scale output voltage,
ILOAD = the full-scale current being sensed, RSENSE =
the current-sense resistor, ROUT = the voltage-setting
resistor, and RG = the gain-setting resistor (RG = RG1
= RG2).
The above equation can be modified to determine the
ROUT required for a particular full-scale range:
ROUT = (VOUT x RG) / (ILOAD x RSENSE)
For the MAX471, this reduces to:
ROUT = VOUT / (ILOAD x 500µA/A)
OUT is a high-impedance current-source output that
can be connected to other MAX471/MAX472 OUT pins
Precision, High-Side
Current-Sense Amplifiers
6
_______________________________________________________________________________________
______________________________________________________________Pin Description
Load side of the internal current-sense resistor. The “-” indicates direction of flow for SIGN
output only. Connect pins 6 and 7 together at the package.
RS-
6, 7
Gain Resistor. Connect to load side of current-sense resistor through the gain resistor.
RG2
—
Power input for MAX472. Connect to sense resistor (RSENSE) junction with RG1.
VCC
—
Current output that is proportional to the magnitude of the sensed current flowing through
RSENSE. A 2kΩ resistor from this pin to ground will result in a voltage equal to 1V/Amp of
sensed current in the MAX471.
OUT
8
Gain Resistor. Connect to battery side of current-sense resistor through the gain resistor.
RG1
—
Ground or Battery Negative Terminal
GND
4
An open-collector logic output. For the MAX471, a low level indicates current is flowing from
RS- to RS+. For the MAX472, a low level indicates a negative VSENSE (see Figure 2). SIGN is
high impedance when SHDN is high. Leave open if SIGN is not needed.
SIGN
5
No Connect—no internal connection
N.C.
—
Battery (or power) side of the internal current-sense resistor. The “+” indicates direction of
flow for SIGN output only. Connect pins 2 and 3 together at the package.
RS+
2, 3
Shutdown. Connect to ground for normal operation. When high, supply current is
less than 5µA.
SHDN
1
FUNCTION
MAX471
NAME
—
6
7
8
3
4
5
2
—
PIN
1
MAX472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com