Electronic Components Datasheet Search
  English  ▼

X  

MAX472CSA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX472CSA
Description  Precision, High-Side Current-Sense Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX472CSA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX472CSA Datasheet HTML 1Page - Maxim Integrated Products MAX472CSA Datasheet HTML 2Page - Maxim Integrated Products MAX472CSA Datasheet HTML 3Page - Maxim Integrated Products MAX472CSA Datasheet HTML 4Page - Maxim Integrated Products MAX472CSA Datasheet HTML 5Page - Maxim Integrated Products MAX472CSA Datasheet HTML 6Page - Maxim Integrated Products MAX472CSA Datasheet HTML 7Page - Maxim Integrated Products MAX472CSA Datasheet HTML 8Page - Maxim Integrated Products MAX472CSA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Precision, High-Side
Current-Sense Amplifiers
_______________________________________________________________________________________
5
25
-25
0.1
10
1000
MAX472
ERROR vs. SENSE VOLTAGE
VSENSE (mV)
15
5
0
-5
-15
1
100
VRG1-VRG2
VRG2-VRG1
1mA
10mA
100mA
1A
0.1
0
0.2
0.3
0.4
0.5
MAX471
NOISE vs. LOAD CURRENT
ISENSE
____________________________Typical Operating Characteristics (continued)
(Typical Operating Circuit (MAX471) or circuit of Figure 4, RG1 = RG2 = 200
Ω, ROUT = 2kΩ (MAX472), TA = +25°C, unless
otherwise noted.)
100
µs/div
VCC = 10V, ROUT = 2kΩ 1%, SIGN PULL-UP = 50kΩ 1%
LOAD
CURRENT
50mA/div
VOUT
50mV/div
MAX471
0mA to 100mA TRANSIENT RESPONSE
0A
10
µs/div
ILOAD = 1A, ROUT = 2kΩ 1%
VOUT
500mV/div
MAX471
START-UP DELAY
VSHDN
5V/div
10
µs/div
ROUT = 2kΩ 1%
ILOAD
1A/div
MAX471
0A TO 3A TRANSIENT RESPONSE
VOUT
10mV/div
100
µs/div
VCC = 10V, ROUT = 2kΩ 1%, SIGN PULL-UP = 50kΩ 1%
LOAD
CURRENT
100mA/div
50mA/div
50mA/div
VOUT
50mV/div
MAX471
-100mA to +100mA TRANSIENT RESPONSE
SIGN
50mV/div
0A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com