Electronic Components Datasheet Search
  English  ▼

X  

MAX4736 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4736
Description  0.8?? Low-Voltage, Single-Supply, Dual SPDT Analog Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4736 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4736 Datasheet HTML 1Page - Maxim Integrated Products MAX4736 Datasheet HTML 2Page - Maxim Integrated Products MAX4736 Datasheet HTML 3Page - Maxim Integrated Products MAX4736 Datasheet HTML 4Page - Maxim Integrated Products MAX4736 Datasheet HTML 5Page - Maxim Integrated Products MAX4736 Datasheet HTML 6Page - Maxim Integrated Products MAX4736 Datasheet HTML 7Page - Maxim Integrated Products MAX4736 Datasheet HTML 8Page - Maxim Integrated Products MAX4736 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
0.8
Ω, Low-Voltage, Single-Supply, Dual SPDT
Analog Switch
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—Single 3V Supply (continued)
(V+ = 2.7V to 3.6V, VIH = 1.4V, VIL = 0.5V, TA = TMIN to TMAX, unless otherwise specified. Typical values are at V+ = 3.0V,
TA = +25°C.) (Notes 2, 3)
PARAMETER
SYMBOL
CONDITIONS
TA
MIN
TYP
MAX
UNITS
SWITCH DYNAMIC CHARACTERISTICS
+25°C20
25
Turn-On Time
tON
VNO_, VNC_ = 1.5V;
RL = 50
Ω, CL = 35pF,
Figure 1
TMIN to TMAX
30
ns
+25°C15
20
Turn-Off Time
tOFF
VNO_, VNC_ = 1.5V;
RL = 50
Ω, CL = 35pF,
Figure 1
TMIN to TMAX
25
ns
+25°C5
Break-Before-Make (Note 7)
tBBM
VNO_, VNC_ = 1.5V;
RL = 50
Ω, CL = 35pF,
Figure 2
TMIN to TMAX
1
ns
Charge Injection
Q
VGEN = 0, RGEN = 0,
CL = 1.0nF, Figure 3
+25°C60
pC
NO_ or NC_ Off-Capacitance
COFF
f = 1MHz, Figure 4
+25°C33
pF
COM_ Off-Capacitance
CCOM(OFF)
f = 1MHz, Figure 4
+25°C60
pF
COM_ On-Capacitance
CCOM(ON)
f = 1MHz, Figure 4
+25°C85
pF
-3dB On-Channel Bandwidth
BW
Signal = 0, RIN = ROUT =
50
Ω, CL = 5pF, Figure 5
130
MHz
Off-Isolation (Note 8)
VISO
f = 1MHz, VCOM_ = 1VP-P, RL =
50
Ω, CL = 5pF, Figure 5
+25°C
-52
dB
Crosstalk (Note 9)
VCT
f = 1MHz, VCOM_ = 1VP-P, RL =
50
Ω, CL = 5pF, Figure 5
+25°C
-78
dB
Total Harmonic Distortion
THD
f = 20Hz to 20kHz, VCOM_ =
2VP-P, RL = 32
Ω
+25°C
0.018
%
LOGIC INPUT (A_, IN_)
Input Logic High
VIH
1.4
V
Input Logic Low
VIL
0.5
V
Input Leakage Current
IIN
VIN_ = 0 or 3.6V
-1
+0.005
+1
µA
POWER SUPPLY
Power-Supply Range
V+
1.6
3.6
V
Positive Supply Current
I+
V+ = 3.6V, VIN_ = 0 or V+,
all channels on or off
0.006
1µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com