Electronic Components Datasheet Search
  English  ▼

X  

MAX4736 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4736
Description  0.8?? Low-Voltage, Single-Supply, Dual SPDT Analog Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4736 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4736 Datasheet HTML 1Page - Maxim Integrated Products MAX4736 Datasheet HTML 2Page - Maxim Integrated Products MAX4736 Datasheet HTML 3Page - Maxim Integrated Products MAX4736 Datasheet HTML 4Page - Maxim Integrated Products MAX4736 Datasheet HTML 5Page - Maxim Integrated Products MAX4736 Datasheet HTML 6Page - Maxim Integrated Products MAX4736 Datasheet HTML 7Page - Maxim Integrated Products MAX4736 Datasheet HTML 8Page - Maxim Integrated Products MAX4736 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
0.8
Ω, Low-Voltage, Single-Supply, Dual SPDT
Analog Switch
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—Single 1.8V Supply
(V+ = 1.8V, VIH = 1.0V, VIL = 0.4V, TA = TMIN to TMAX, unless otherwise specified. Typical values are at TA = +25°C.) (Notes 2, 3)
PARAMETER
SYMBOL
CONDITIONS
TA
MIN
TYP
MAX
UNITS
ANALOG SWITCH
Analog Signal Range
VCOM_,
VNO_,
VNC_
0V+
V
+25°C
1.5
2
On-Resistance
RON
ICOM_ = 10mA;
VNO_ or VNC_ = 1V
TMIN to TMAX
3
Ω
SWITCH DYNAMIC CHARACTERISTICS
+25°C25
30
Turn-On Time
tON
VNO_ or VNC_ = 1V;
RL = 50
Ω, CL = 35pF,
Figure 1
TMIN to TMAX
35
ns
+25°C18
25
Turn-Off Time
tOFF
VNO_ or VNC_ = 1V;
RL = 50
Ω, CL = 35pF,
Figure 1
TMIN to TMAX
28
ns
+25°C7
Break-Before-Make (Note 7)
tBBM
VNO_ or VNC_ = 1V;
RL = 50
Ω, CL = 35pF,
Figure 2
TMIN to TMAX
1
ns
Charge Injection
Q
VGEN = 0, RGEN = 0,
CL = 1nF, Figure 3
+25°C35
pC
Off-Isolation (Note 8)
VISO
f = 1MHz, VNO_ = VNC_
= 1VP-P, RL = 50
Ω,
CL = 5pF, Figure 5
+25°C
-52
dB
Crosstalk (Note 9)
VCT
f = 1MHz, VCOM_ = 1VP-P,
RL = 50
Ω, CL = 5pF, Figure 5
+25°C
-78
dB
LOGIC INPUT (IN_)
Input Logic High
VIH
1V
Input Logic Low
VIL
0.4
V
Input Leakage Current
IIN
VIN_ = 0 or 3.6V
1
µA
Note 2: The algebraic convention, where the most negative value is a minimum and the most positive value is a maximum, is
used in this data sheet.
Note 3: -40°C specifications are guaranteed by design.
Note 4: RON and
∆RON matching specifications for QFN packaged parts are guaranteed by design.
Note 5:
∆RON = RON(MAX) - RON(MIN).
Note 6: Flatness is defined as the difference between the maximum and the minimum value of on-resistance as measured over the
specified analog signal ranges.
Note 7: Guaranteed by design.
Note 8: Off-Isolation = 20log10(VCOM_/VNO_), VCOM_ = output, VNO_ = input to OFF switch.
Note 9: Between two switches.
Note 10: Leakage parameters are 100% tested at hot temperature and guaranteed by correlation at room.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com