Electronic Components Datasheet Search
  English  ▼

X  

MAX4736 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4736
Description  0.8?? Low-Voltage, Single-Supply, Dual SPDT Analog Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4736 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4736 Datasheet HTML 3Page - Maxim Integrated Products MAX4736 Datasheet HTML 4Page - Maxim Integrated Products MAX4736 Datasheet HTML 5Page - Maxim Integrated Products MAX4736 Datasheet HTML 6Page - Maxim Integrated Products MAX4736 Datasheet HTML 7Page - Maxim Integrated Products MAX4736 Datasheet HTML 8Page - Maxim Integrated Products MAX4736 Datasheet HTML 9Page - Maxim Integrated Products MAX4736 Datasheet HTML 10Page - Maxim Integrated Products MAX4736 Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Detailed Description
The MAX4736 is a low 0.8
Ω max (at V+ = 2.7V) on-
resistance, low-voltage, dual SPDT analog switch that
operates from a 1.6V to 3.6V single supply. CMOS
switch construction allows switching analog signals that
range from GND to V+.
When powered from a 2.7V supply, the 0.8
Ω max RON
allows high continuous currents to be switched in a
variety of applications.
Applications Information
Proper power-supply sequencing is recommended for
all CMOS devices. Do not exceed the absolute maxi-
mum ratings; stresses beyond the listed ratings can
cause permanent damage to the devices. Always
sequence V+ on first, followed by NO_, NC_, or COM_.
Although it is not required, power-supply bypassing
improves noise margin and prevents switching noise
propagation from the V+ supply to other components.
A 0.1µF capacitor, connected from V+ to GND, is ade-
quate for most applications.
Logic Inputs
The MAX4736 logic inputs can be driven up to 3.6V,
regardless of the supply voltage. For example, with a 1.8V
supply, IN_ can be driven low to GND and high to 3.6V.
Driving IN_ rail-to-rail minimizes power consumption.
Analog Signal Levels
Analog signals that range over the entire supply voltage
(V+ to GND) can be passed with very little change in on-
resistance (see Typical Operating Characteristics). The
switches are bidirectional, so the NO_, NC_, and COM_
pins can be used as either inputs or outputs.
Layout
High-speed switches require proper layout and design
procedures for optimum performance. Reduce stray
inductance and capacitance by keeping traces short
and wide. Ensure that bypass capacitors are as close
to the device as possible. Use large ground planes
where possible.
0.8
Ω, Low-Voltage, Single-Supply, Dual SPDT
Analog Switch
_______________________________________________________________________________________
7
tr < 5ns
tf < 5ns
50%
0
VIN_ = VIH + 0.5V
tOFF
0
0.9
✕ V0UT
0.9
✕ VOUT
tON
VOUT
SWITCH
OUTPUT
LOGIC
INPUT
LOGIC INPUT WAVEFORMS INVERTED FOR SWITCHES
THAT HAVE THE OPPOSITE LOGIC SENSE.
MAX4736
LOGIC
INPUT
RL
GND
CL INCLUDES FIXTURE AND STRAY CAPACITANCE.
NO_ or NC_
IN_
NC_ or NO_
VOUT
V+
V+
CL
VIN
COM_
Figure 1. Switching Time
Test Circuits/Timing Diagrams



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com