Electronic Components Datasheet Search
  English  ▼

X  

MAX477 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX477
Description  300MHz High-Speed Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX477 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX477 Datasheet HTML 1Page - Maxim Integrated Products MAX477 Datasheet HTML 2Page - Maxim Integrated Products MAX477 Datasheet HTML 3Page - Maxim Integrated Products MAX477 Datasheet HTML 4Page - Maxim Integrated Products MAX477 Datasheet HTML 5Page - Maxim Integrated Products MAX477 Datasheet HTML 6Page - Maxim Integrated Products MAX477 Datasheet HTML 7Page - Maxim Integrated Products MAX477 Datasheet HTML 8Page - Maxim Integrated Products MAX477 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
_______________General Description
The MAX477 is a ±5V wide-bandwidth, fast-settling,
unity-gain-stable op amp featuring low noise, low differ-
ential gain and phase errors, high slew rate, high preci-
sion, and high output current. The MAX477’s archi-
tecture uses a standard voltage-feedback topology that
can be configured into any desired gain setting, as with
other general-purpose op amps.
Unlike high-speed amplifiers using current-mode feed-
back architectures, the MAX477 has a unique input
stage that combines the benefits of the voltage-feed-
back design (flexibility in choice of feedback resistor,
two high-impedance inputs) with those of the current-
feedback design (high slew rate and full-power band-
width). It also has the precision of voltage-feedback
amplifiers, characterized by low input-offset voltage
and bias current, low noise, and high common-mode
and power-supply rejection.
The MAX477 is ideally suited for driving 50
Ω or 75Ω
loads. Available in DIP, SO, space-saving µMAX, and
SOT23 packages.
________________________Applications
Broadcast and High-Definition TV Systems
Video Switching and Routing
Communications
Medical Imaging
Precision DAC/ADC Buffer
____________________________Features
o High Speed:
300MHz -3dB Bandwidth (AV = +1)
200MHz Full-Power Bandwidth (AV = +1, Vo = 2Vp-p)
1100V/µs Slew Rate
130MHz 0.1dB Gain Flatness
o Drives 100pF Capacitive Loads Without Oscillation
o Low Differential Phase/Gain Error: 0.01°/0.01%
o 8mA Quiescent Current
o Low Input-Referred Voltage Noise: 5nV/
√H
Hzz
o Low Input-Referred Current Noise: 2pA/
√H
Hzz
o Low Input Offset Voltage: 0.5mV
o 8000V ESD Protection
o Voltage-Feedback Topology for Simple Design
Configurations
o Short-Circuit Protected
o Available in Space-Saving SOT23 Package
300MHz High-Speed Op Amp
________________________________________________________________
Maxim Integrated Products
1
19-0467; Rev 2; 5/97
PART
MAX477EPA
MAX477ESA
MAX477EUA
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
TEMP. RANGE
PIN-
PACKAGE
8 Plastic DIP
8 SO
8 µMAX
EVALUATION
KIT MANUAL
AVAILABLE
______________Ordering Information
OUT
IN+
N.C.
VEE
1
2
8
7
N.C.
VCC
IN-
N.C.
DIP/SO/
µMAX
TOP VIEW
3
4
6
5
VEE
IN-
IN+
15
VCC
OUT
MAX477
MAX477
SOT23-5
2
34
__________________Pin Configuration
VIN
VIDEO/RF CABLE DRIVER
500
Ω
500
Ω
75
Ω
75
Ω
VOUT
75
Ω
MAX477
__________Typical Operating Circuit
MAX477MJA
-55°C to +125°C
8 CERDIP
MAX477EUK-T
-40°C to +85°C
5 SOT23
SOT
TOP
MARK
—
—
—
—
ABYW
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 408-737-7600 ext. 3468.


Similar Part No. - MAX477

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4772 MAXIM-MAX4772 Datasheet
302Kb / 10P
200mA/500mA Selectable Current-Limit Switches
19-2926; Rev 0; 7/03
MAX4772ETT MAXIM-MAX4772ETT Datasheet
302Kb / 10P
200mA/500mA Selectable Current-Limit Switches
19-2926; Rev 0; 7/03
MAX4772EUK MAXIM-MAX4772EUK Datasheet
302Kb / 10P
200mA/500mA Selectable Current-Limit Switches
19-2926; Rev 0; 7/03
MAX4772EUT MAXIM-MAX4772EUT Datasheet
302Kb / 10P
200mA/500mA Selectable Current-Limit Switches
19-2926; Rev 0; 7/03
MAX4773ETT MAXIM-MAX4773ETT Datasheet
302Kb / 10P
200mA/500mA Selectable Current-Limit Switches
19-2926; Rev 0; 7/03
More results

Similar Description - MAX477

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK1461 MSK-MSK1461 Datasheet
302Kb / 5P
HIGH SPEED/VOLTAGE OP AMP
logo
National Semiconductor ...
LMH6550 NSC-LMH6550 Datasheet
854Kb / 17P
Differential, High Speed Op Amp
LMH6551 NSC-LMH6551 Datasheet
935Kb / 19P
Differential, High Speed Op Amp
MNCLC501A-X NSC-MNCLC501A-X Datasheet
134Kb / 14P
HIGH-SPEED OUTPUT CLAMPING OP AMP
LMH6550 NSC-LMH6550_06 Datasheet
913Kb / 17P
Differential, High Speed Op Amp
logo
Texas Instruments
LMH6551Q TI1-LMH6551Q Datasheet
520Kb / 20P
Differential, High Speed Op Amp
November 29, 2011
LMH6551Q TI-LMH6551Q_15 Datasheet
1Mb / 26P
Differential, High Speed Op Amp
LMH6551 TI1-LMH6551 Datasheet
1Mb / 32P
Differential, High-Speed Op Amp
logo
Analog Devices
ADA4860-1 AD-ADA4860-1_16 Datasheet
740Kb / 21P
High Speed, Low Cost, Op Amp
Rev. 0
logo
Anaren Microwave
MSK1461 ANAREN-MSK1461 Datasheet
183Kb / 6P
HIGH SPEED/VOLTAGE OP AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com