Electronic Components Datasheet Search
  English  ▼

X  

MAX477 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX477
Description  300MHz High-Speed Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX477 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX477 Datasheet HTML 1Page - Maxim Integrated Products MAX477 Datasheet HTML 2Page - Maxim Integrated Products MAX477 Datasheet HTML 3Page - Maxim Integrated Products MAX477 Datasheet HTML 4Page - Maxim Integrated Products MAX477 Datasheet HTML 5Page - Maxim Integrated Products MAX477 Datasheet HTML 6Page - Maxim Integrated Products MAX477 Datasheet HTML 7Page - Maxim Integrated Products MAX477 Datasheet HTML 8Page - Maxim Integrated Products MAX477 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
300MHz High-Speed Op Amp
4
_______________________________________________________________________________________
____________________________Typical Operating Characteristics (continued)
(VCC = +5V, VEE = -5V, RL = 100Ω, CL = 0pF, TA = +25°C, unless otherwise noted.)
0
0.1
0.2
-0.1
-0.2
-0.3
1M
10M
100M
1G
GAIN FLATNESS
vs. FREQUENCY (AVCL = +1V/V)
-0.4
-0.5
-0.6
FREQUENCY (Hz)
1
2
3
0
-1
-2
1M
10M
100M
1G
LARGE-SIGNAL GAIN
vs. FREQUENCY (AVCL = +1V/V)
-3
-4
-5
-6
FREQUENCY (Hz)
SMALL-SIGNAL PULSE RESPONSE
(AVCL = +1V/V)
TIME (10ns/div)
VOLTAGE
(100mV/div)
GND
GND
IN
OUT
SMALL-SIGNAL PULSE RESPONSE
(AVCL = +2V/V)
TIME (10ns/div)
VOLTAGE
GND
GND
IN
(50mV/
div)
OUT
(100mV/
div)
LARGE-SIGNAL PULSE RESPONSE
(AVCL = +2V/V)
TIME (10ns/div)
VOLTAGE
GND
GND
IN
(1V/div)
OUT
(2V/div)
SMALL-SIGNAL PULSE RESPONSE
(AVCL = +10V/V)
TIME (50ns/div)
VOLTAGE
GND
GND
IN
(50mV/
div)
OUT
(500mV/
div)
LARGE-SIGNAL PULSE RESPONSE
(AVCL = +1V/V)
TIME (10ns/div)
VOLTAGE
(2V/div)
GND
GND
IN
OUT
LARGE-SIGNAL PULSE RESPONSE
(AVCL = +10V/V)
TIME (50ns/div)
VOLTAGE
GND
GND
IN
(200mV/
div)
OUT
(2V/div)
SMALL-SIGNAL PULSE RESPONSE
(AVCL = +1V/V, CL = 50pF)
TIME (20ns/div)
VOLTAGE
(100mV/div)
GND
GND
IN
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com