Electronic Components Datasheet Search
  English  ▼

X  

MAX477 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX477
Description  300MHz High-Speed Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX477 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX477 Datasheet HTML 3Page - Maxim Integrated Products MAX477 Datasheet HTML 4Page - Maxim Integrated Products MAX477 Datasheet HTML 5Page - Maxim Integrated Products MAX477 Datasheet HTML 6Page - Maxim Integrated Products MAX477 Datasheet HTML 7Page - Maxim Integrated Products MAX477 Datasheet HTML 8Page - Maxim Integrated Products MAX477 Datasheet HTML 9Page - Maxim Integrated Products MAX477 Datasheet HTML 10Page - Maxim Integrated Products MAX477 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
300MHz High-Speed Op Amp
_______________________________________________________________________________________
7
_______________Detailed Description
The MAX477 allows the flexibility and ease of a classic
voltage-feedback architecture while maintaining the
high-speed benefits of current-mode feedback (CMF)
amplifiers. Although the MAX477 is a voltage-feedback
op amp, its internal architecture provides an 1100V/µs
slew rate and a low 8mA supply current. CMF ampli-
fiers offer high slew rates while maintaining low supply
current, but use the feedback and load resistors as part
of the amplifier’s frequency compensation network. In
addition, they have only one input with high imped-
ance.
The MAX477 has speed and power specifications like
those of current-feedback amplifiers, but has high input
impedance at both input terminals. Like other voltage-
feedback op amps, its frequency compensation is
independent of the feedback and load resistors, and it
exhibits a constant gain-bandwidth product. However,
unlike standard voltage-feedback amplifiers, its large-
signal slew rate is not limited by an internal current
source, so the MAX477 exhibits a very high full-power
bandwidth.
Output Short-Circuit Protection
Under short-circuit conditions, the output current is typi-
cally limited to 150mA. This is low enough that a short to
ground of any duration will not cause permanent dam-
age to the chip. However, a short to either supply will
significantly increase the power dissipation and may
cause permanent damage. The high output-
current capability is an advantage in systems that trans-
mit a signal to several loads. See
High-Performance
Video Distribution Amplifier in the Applications
Information section.
__________Applications Information
Grounding, Bypassing,
and PC Board Layout
To obtain the MAX477’s full 300MHz bandwidth, Micro-
strip and Stripline techniques are recommended in
most cases. To ensure the PC board does not degrade
the amplifier’s performance, design the board for a fre-
quency greater than 1GHz. Even with very short traces,
use these techniques at critical points, such as inputs
and outputs. Whether you use a constant-impedance
board or not, observe the following guidelines when
designing the board:
• Do not use wire-wrap boards. They are too inductive.
• Do not use IC sockets. They increase parasitic
capacitance and inductance.
• In general, surface-mount components have shorter
leads and lower parasitic reactance, giving better
high-frequency performance than through-hole com-
ponents.
• The PC board should have at least two layers, with
one side a signal layer and the other a ground plane.
• Keep signal lines as short and straight as possible.
Do not make 90° turns; round all corners.
• The ground plane should be as free from voids as
possible.
_____________________Pin Description
MAX477
VOUT = -(RF/RG) VIN
VOUT
VIN
RF
RG
Figure 1a. Inverting Gain Configuration
MAX477
VOUT = [1 + (RF/RG)] VIN
VOUT
VIN
RF
RG
Figure 1b. Noninverting Gain Configuration
Amplifier Output
1
6
Positive Power
Supply
5
7
Negative Power
Supply
2
4
Noninverting Input
3
3
PIN
SO/µMAX/DIP
Inverting Input
4
2
No Connect. Not inter-
nally connected.
—
1, 5, 8
FUNCTION
SOT23
OUT
VCC
VEE
IN+
IN-
N.C.
NAME



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com