Electronic Components Datasheet Search
  English  ▼

X  

TPS770 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS770
Description  ULTRALOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS770 Datasheet(HTML) 4 Page - Texas Instruments

  TPS770 Datasheet HTML 1Page - Texas Instruments TPS770 Datasheet HTML 2Page - Texas Instruments TPS770 Datasheet HTML 3Page - Texas Instruments TPS770 Datasheet HTML 4Page - Texas Instruments TPS770 Datasheet HTML 5Page - Texas Instruments TPS770 Datasheet HTML 6Page - Texas Instruments TPS770 Datasheet HTML 7Page - Texas Instruments TPS770 Datasheet HTML 8Page - Texas Instruments TPS770 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
TPS77001, TPS77012, TPS77015, TPS77018, TPS77025
TPS77027, TPS77028, TPS77030, TPS77033, TPS77050
ULTRALOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
SLVS210D – JUNE 1999 – REVISED MAY 2001
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free–air temperature range,
VI = VO(typ) + 1 V, IO = 50 mA, EN = 0V, Co = 4.7 µF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TPS77001
1.2 V
≤ VO ≤ 5.5 V,
TJ = 25°C
VO
TPS77001
1.2 V
≤ VO ≤ 5.5 V,
TJ = –40°C to 125°C
0.97VO
1.03VO
TPS77012
TJ = 25°C,
2.7 V < VIN < 10 V
1.224
TPS77012
TJ = –40°C to 125°C, 2.7 V < VIN < 10 V
1.187
1.261
TPS77015
TJ = 25°C,
2.7 V < VIN < 10 V
1.5
TPS77015
TJ = –40°C to 125°C, 2.7 V < VIN < 10 V
1.455
1.545
TPS77018
TJ = 25°C,
2.8 V < VIN < 10 V
1.8
TPS77018
TJ = –40°C to 125°C, 2.8 V < VIN < 10 V
1.746
1.854
TPS77025
TJ = 25°C,
3.5 V < VIN < 10 V
2.5
Output voltage (10
µA to 50 mA load)
TPS77025
TJ = –40°C to 125°C, 3.5 V < VIN < 10 V
2.425
2.575
V
g(
µ
)
(see Note 4)
TPS77027
TJ = 25°C,
3.7 V < VIN < 10 V
2.7
V
TPS77027
TJ = –40°C to 125°C, 3.7 V < VIN < 10 V
2.619
2.781
TPS77028
TJ = 25°C,
3.8 V < VIN < 10 V
2.8
TPS77028
TJ = –40°C to 125°C, 3.8 V < VIN < 10 V
2.716
2.884
TPS77030
TJ = 25°C,
4.0 V < VIN < 10 V
3.0
TPS77030
TJ = –40°C to 125°C, 4.0 V < VIN < 10 V
2.910
3.090
TPS77033
TJ = 25°C,
4.3 V < VIN < 10 V
3.3
TPS77033
TJ = –40°C to 125°C, 4.3 V < VIN < 10 V
3.201
3.399
TPS77050
TJ = 25°C,
6.0 V < VIN < 10 V
5.0
TPS77050
TJ = –40°C to 125°C, 6.0 V < VIN < 10 V
4.850
5.150
Quiescent current (GND current) (see Note 4)
EN = 0V,
0 mA < IO < 50mA,
TJ = 25°C
17
µA
Quiescent current (GND current) (see Note 4)
EN = 0V,
IO = 50mA,
TJ = –40°C to 125°C
28
µA
Output voltage line regulation (
∆VO/VO)
VO + 1 V < VI ≤ 10 V, TJ = 25°C
0.04
Output voltage line regulation (
∆VO/VO)
(see Notes 4 and 5)
VO + 1 V < VI ≤ 10 V,
TJ = –40°C to 125°C
0.1
%/V
Load regulation
EN = 0V,
IO = 0 to 50 mA,
TJ = 25°C
8
mV
Output noise voltage
BW = 300 Hz to 50 kHz,
Co = 10 µF,
TJ = 25°C
190
µVrms
Output current limit
VO = 0V,
See Note 4
350
750
mA
Standby current
EN = VI,
2.7 < VI < 10 V
1
µA
Standby current
TJ = –40°C to 125°C
2
µA
NOTES:
4. Minimum IN operating voltage is 2.7 V or VO (typ) + 1 V, whichever is greater. Maximum IN voltage 10 V, minimum output current
10
µA, maximum output current 50 mA.
5. If VO ≤ 1.8 V then VImin = 2.7 V, VImax = 10 V:
Line Reg. (mV)
+ % V
V
O
V
Imax *
2.7 V
100
1000
If VO ≥ 2.5 V then VImin = VO + 1 V, VImax = 10 V:
Line Reg. (mV)
+ % V
V
O
V
Imax *
V
O )
1V
100
1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com