Electronic Components Datasheet Search
  English  ▼

X  

TPS770 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS770
Description  ULTRALOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS770 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS770 Datasheet HTML 5Page - Texas Instruments TPS770 Datasheet HTML 6Page - Texas Instruments TPS770 Datasheet HTML 7Page - Texas Instruments TPS770 Datasheet HTML 8Page - Texas Instruments TPS770 Datasheet HTML 9Page - Texas Instruments TPS770 Datasheet HTML 10Page - Texas Instruments TPS770 Datasheet HTML 11Page - Texas Instruments TPS770 Datasheet HTML 12Page - Texas Instruments TPS770 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
TPS77001, TPS77012, TPS77015, TPS77018, TPS77025
TPS77027, TPS77028, TPS77030, TPS77033, TPS77050
ULTRALOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
SLVS210D – JUNE 1999 – REVISED MAY 2001
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 13
3.7
TPS77015
LINE TRANSIENT RESPONSE
t – Time –
µs
060
40
20
80
100
140
120
160
180 200
IL = 10 mA
CO = 4.7 µF
ESR = 0.3
Ω
2.7
10
0
–10
Figure 14
t – Time –
µs
TPS77015
LOAD TRANSIENT RESPONSE
0
0
060
40
20
80
100
140
120
160
180 200
50
VI = 2.7 V
CO = 10 µF
ESR = 0.3
Ω
–50
–100
Figure 15
TPS77033
LINE TRANSIENT RESPONSE
t – Time –
µs
5.3
060
40
20
80
100
140
120
160
180
IL = 10 mA
CO = 4.7 µF
ESR = 0.3
Ω
4.3
10
0
–10
Figure 16
t – Time –
µs
TPS77033
LOAD TRANSIENT RESPONSE
0
060
40
20
80
100
140
120
160
180
50
0
–20
–40
VI = 4.3 V
CO = 4.7 µF
ESR = 0.3
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com