Electronic Components Datasheet Search
  English  ▼

X  

TPS770 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS770
Description  ULTRALOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS770 Datasheet(HTML) 1 Page - Texas Instruments

  TPS770 Datasheet HTML 1Page - Texas Instruments TPS770 Datasheet HTML 2Page - Texas Instruments TPS770 Datasheet HTML 3Page - Texas Instruments TPS770 Datasheet HTML 4Page - Texas Instruments TPS770 Datasheet HTML 5Page - Texas Instruments TPS770 Datasheet HTML 6Page - Texas Instruments TPS770 Datasheet HTML 7Page - Texas Instruments TPS770 Datasheet HTML 8Page - Texas Instruments TPS770 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
TPS77001, TPS77012, TPS77015, TPS77018, TPS77025
TPS77027, TPS77028, TPS77030, TPS77033, TPS77050
ULTRALOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
SLVS210D – JUNE 1999 – REVISED MAY 2001
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D 50-mA Low-Dropout Regulator
D Available in 1.2-V, 1.5-V, 1.8-V, 2.5-V, 2.7-V,
2.8-V, 3.0-V, 3.3-V, and 5-V Fixed-Output and
Adjustable Versions
D Only 17 µA Quiescent Current at 50 mA
D 1 µA Quiescent Current in Standby Mode
D Dropout Voltage Typically 35 mV at 50 mA
D Over Current Limitation
D –40°C to 125°C Operating Junction
Temperature Range
D 5-Pin SOT-23 (DBV) Package
description
The TPS770xx family of low-dropout (LDO)
voltage regulators offers the benefits of low
dropout voltage, ultralow-power operation, and
miniaturized packaging. These regulators feature
low dropout voltages and ultralow quiescent
current
compared
to
conventional
LDO
regulators. Offered in a 5-terminal small outline
integrated-circuit
SOT-23
package,
the
TPS770xx
series
devices
are
ideal
for
micropower operations and where board space is
at a premium.
A combination of new circuit design and process
innovation has enabled the usual PNP pass
transistor to be replaced by a PMOS pass
element. Because the PMOS pass element
behaves as a low-value resistor, the dropout
voltage is very low — typically 35 mV at 50 mA of
load current (TPS77050) — and is directly proportional to the load current. Since the PMOS pass element is
a voltage-driven device, the quiescent current is ultralow (28
µA maximum) and is stable over the entire range
of output load current (0 mA to 50 mA). Intended for use in portable systems such as laptops and cellular phones,
the ultralow-dropout voltage feature and ultralow-power operation result in a significant increase in system
battery operating life.
The TPS770xx also features a logic-enabled sleep mode to shut down the regulator, reducing quiescent current
to 1
µA typical at TJ = 25°C. The TPS770xx is offered in 1.2-V, 1.5-V, 1.8-V, 2.5-V, 2.7-V, 2.8-V, 3.0-V, 3.3-V,
and 5-V fixed-voltage versions and in a variable version (programmable over the range of 1.2 V to 5.5 V).
Copyright
 2001, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
3
2
4
5
DBV PACKAGE
(TOP VIEW)
1
IN
GND
EN
OUT
NC/FB
TA – Free-Air Temperature – °C
15
22
TPS77033
GROUND CURRENT
vs
FREE-AIR TEMPERATURE
VI = 4.3 V
CO = 4.7 µF
–40
0
–20
20
140
–60
40
80
100 120
60
21
20
19
18
17
16
IO = 0 mA
IO = 50 mA


Similar Part No. - TPS770

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77001 TI-TPS77001 Datasheet
230Kb / 16P
ULTRA LOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS77001 TI-TPS77001 Datasheet
863Kb / 24P
ULTRALOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS77001, TI-TPS77001, Datasheet
925Kb / 24P
ULTRALOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS77001DBV TI-TPS77001DBV Datasheet
230Kb / 16P
ULTRA LOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS77001DBVR TI-TPS77001DBVR Datasheet
230Kb / 16P
ULTRA LOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS770

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76901 TI-TPS76901 Datasheet
235Kb / 16P
ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79015 TI-TPS79015 Datasheet
315Kb / 17P
ULTRALOW-POWER LOW-NOISE 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS76901-Q1 TI-TPS76901-Q1 Datasheet
243Kb / 16P
ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76901-HT TI1-TPS76901-HT Datasheet
580Kb / 21P
ULTRALOW-POWER 100-mA LOW DROPOUT LINEAR REGULATORS
TPS77033-Q1 TI1-TPS77033-Q1 Datasheet
343Kb / 15P
ULTRALOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS76912QDBVRG4Q1 TI-TPS76912QDBVRG4Q1 Datasheet
1Mb / 22P
Ultralow-Power 100-mA Low-Dropout Linear Regulators
TPS77025DBVRG4 TI-TPS77025DBVRG4 Datasheet
925Kb / 24P
ULTRALOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS77033DBVTG4 TI-TPS77033DBVTG4 Datasheet
863Kb / 24P
ULTRALOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS769-Q1 TI-TPS769-Q1 Datasheet
1Mb / 22P
Ultralow-Power 100-mA Low-Dropout Linear Regulators
TPS790 TI-TPS790_15 Datasheet
463Kb / 20P
ULTRALOW-POWER LOW-NOISE 50-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com