Electronic Components Datasheet Search
  English  ▼

X  

LP2951 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LP2951
Description  LP295x Adjustable Micropower Voltage Regulators with Shutdown
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2951 Datasheet(HTML) 5 Page - Texas Instruments

  LP2951 Datasheet HTML 1Page - Texas Instruments LP2951 Datasheet HTML 2Page - Texas Instruments LP2951 Datasheet HTML 3Page - Texas Instruments LP2951 Datasheet HTML 4Page - Texas Instruments LP2951 Datasheet HTML 5Page - Texas Instruments LP2951 Datasheet HTML 6Page - Texas Instruments LP2951 Datasheet HTML 7Page - Texas Instruments LP2951 Datasheet HTML 8Page - Texas Instruments LP2951 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
LP2950, LP2951
www.ti.com
SLVS582I – APRIL 2006 – REVISED NOVEMBER 2014
6.5 Electrical Characteristics
VIN = VOUT (nominal) + 1 V, IL = 100 μA, CL = 1 μF (5-V versions) or CL = 2.2 μF (3-V and 3.3-V versions),
8-pin version: FEEDBACK tied to VTAP, OUTPUT tied to SENSE, VSHUTDOWN ≤ 0.7 V
PARAMETER
TEST CONDITIONS
TJ
MIN
TYP
MAX
UNIT
3-V VERSION (LP295x-30)
25°C
2.970
3
3.030
VOUT
Output voltage
IL = 100 μA
V
–40°C to 125°C
2.940
3
3.060
3.3-V VERSION (LP295x-33)
25°C
3.267
3.3
3.333
VOUT
Output voltage
IL = 100 μA
V
–40°C to 125°C
3.234
3.3
3.366
5-V VERSION (LP295x-50)
25°C
4.950
5
5.050
VOUT
Output voltage
IL = 100 μA
V
–40°C to 125°C
4.900
5
5.100
ALL VOLTAGE OPTIONS
Output voltage temperature
IL = 100 μA
–40°C to 125°C
20
100 ppm/°C
coefficient(1)
25°C
0.03
0.2
Line regulation(2)
VIN = [VOUT(NOM) + 1 V] to 30 V
%/V
–40°C to 125°C
0.4
25°C
0.04%
0.2%
Load regulation(2)
IL = 100 μA to 100 mA
—
–40°C to 125°C
0.3%
25°C
50
80
IL = 100 μA
–40°C to 125°C
150
VIN – VOUT Dropout voltage
(3)
mV
25°C
380
450
IL = 100 mA
–40°C to 125°C
600
25°C
75
120
IL = 100 μA
μA
–40°C to 125°C
140
IGND
GND current
25°C
8
12
IL = 100 mA
mA
–40°C to 125°C
14
25°C
110
170
VIN = VOUT(NOM) – 0.5 V,
Dropout ground current
μA
IL = 100 μA
–40°C to 125°C
200
25°C
160
200
Current limit
VOUT = 0 V
mA
–40°C to 125°C
220
Thermal regulation(4)
IL = 100 μA
25°C
0.05
0.2
%/W
CL = 1 μF (5 V only)
430
CL = 200 μF
160
Output noise (RMS),
25°C
μV
LP2951-50: CL = 3.3 μF,
10 Hz to 100 kHz
CBypass = 0.01 μF between
100
pins 1 and 7
(1)
Output or reference voltage temperature coefficient is defined as the worst-case voltage change divided by the total temperature range.
(2)
Regulation is measured at constant junction temperature, using pulse testing with a low duty cycle. Changes in output voltage due to
heating effects are covered under the specification for thermal regulation.
(3)
Dropout voltage is defined as the input-to-output differential at which the output voltage drops 100 mV, below the value measured at 1-V
differential. The minimum input supply voltage of 2 V (2.3 V over temperature) must be observed.
(4)
Thermal regulation is defined as the change in output voltage at a time (T) after a change in power dissipation is applied, excluding load
or line regulation effects. Specifications are for a 50-mA load pulse at VIN = 30 V, VOUT = 5 V (1.25-W pulse) for t = 10 ms.
Copyright © 2006–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP2950 LP2951



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com