Electronic Components Datasheet Search
  English  ▼

X  

LP2951 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LP2951
Description  LP295x Adjustable Micropower Voltage Regulators with Shutdown
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2951 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LP2951 Datasheet HTML 10Page - Texas Instruments LP2951 Datasheet HTML 11Page - Texas Instruments LP2951 Datasheet HTML 12Page - Texas Instruments LP2951 Datasheet HTML 13Page - Texas Instruments LP2951 Datasheet HTML 14Page - Texas Instruments LP2951 Datasheet HTML 15Page - Texas Instruments LP2951 Datasheet HTML 16Page - Texas Instruments LP2951 Datasheet HTML 17Page - Texas Instruments LP2951 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
5 V
1.3 V
Input
Voltage
Output
Voltage
ERROR
4.75 V
LP2950, LP2951
SLVS582I – APRIL 2006 – REVISED NOVEMBER 2014
www.ti.com
7.4 Feature Description
7.4.1
ERROR Function (LP2951 Only)
The LP2951 device has a low-voltage detection comparator that outputs a logic low when the output voltage
drops by
≈6% from its nominal value, and outputs a logic high when VOUT has reached ≈95% of its nominal
value. This 95% of nominal figure is obtained by dividing the built-in offset of
≈60 mV by the 1.235-V bandgap
reference, and remains independent of the programmed output voltage. For example, the trip-point threshold
(ERROR output goes high) typically is 4.75 V for a 5-V output and 11.4 V for a 12-V output. Typically, there is a
hysteresis of 15 mV between the thresholds for high and low ERROR output.
A timing diagram is shown in Figure 31 for ERROR vs VOUT (5 V), as VIN is ramped up and down. ERROR
becomes valid (low) when VIN ≈ 1.3 V. When VIN ≈ 5 V, VOUT = 4.75 V, causing ERROR to go high. Because the
dropout voltage is load dependent, the output trip-point threshold is reached at different values of VIN, depending
on the load current. For instance, at higher load current, ERROR goes high at a slightly higher value of VIN, and
vice versa for lower load current. The output-voltage trip point remains at ~4.75 V, regardless of the load. Note
that when VIN ≤ 1.3 V, the ERROR comparator output is turned off and pulled high to its pullup voltage. If VOUT is
used as the pullup voltage, rather than an external 5-V source, ERROR typically is ~1.2 V. In this condition, an
equal resistor divider (10 k
Ω is suitable) can be tied to ERROR to divide down the voltage to a valid logic low
during any fault condition, while still enabling a logic high during normal operation.
Figure 31. ERROR Output Timing
Because the ERROR comparator has an open-collector output, an external pullup resistor is required to pull the
output up to VOUT or another supply voltage (up to 30 V). The output of the comparator is rated to sink up to
400
μA. A suitable range of values for the pullup resistor is from 100 kΩ to 1 MΩ. If ERROR is not used, it can
be left open.
14
Submit Documentation Feedback
Copyright © 2006–2014, Texas Instruments Incorporated
Product Folder Links: LP2950 LP2951



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com