Electronic Components Datasheet Search
  English  ▼

X  

LP2951 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LP2951
Description  LP295x Adjustable Micropower Voltage Regulators with Shutdown
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2951 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LP2951 Datasheet HTML 11Page - Texas Instruments LP2951 Datasheet HTML 12Page - Texas Instruments LP2951 Datasheet HTML 13Page - Texas Instruments LP2951 Datasheet HTML 14Page - Texas Instruments LP2951 Datasheet HTML 15Page - Texas Instruments LP2951 Datasheet HTML 16Page - Texas Instruments LP2951 Datasheet HTML 17Page - Texas Instruments LP2951 Datasheet HTML 18Page - Texas Instruments LP2951 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
R1
R2
FEEDBACK
V
OUT
æ
ö
=
´
+
-
ç
÷
è
ø
OUT
REF
FB
1
R1
V
V
1
I R
R2
LP2950, LP2951
www.ti.com
SLVS582I – APRIL 2006 – REVISED NOVEMBER 2014
Feature Description (continued)
7.4.2 Programming Output Voltage (LP2951 Only)
A unique feature of the LP2951 device is its ability to output either a fixed voltage or an adjustable voltage,
depending on the external pin connections. To output the internally programmed fixed voltage, tie the SENSE pin
to the OUTPUT pin and the FEEDBACK pin to the VTAP pin. Alternatively, a user-programmable voltage ranging
from the internal 1.235-V reference to a 30-V max can be set by using an external resistor divider pair. The
resistor divider is tied to VOUT, and the divided-down voltage is tied directly to FEEDBACK for comparison against
the internal 1.235-V reference. To satisfy the steady-state condition in which its two inputs are equal, the error
amplifier drives the output to equal Equation 1:
(1)
Where:
VREF = 1.235 V applied across R2 (see Figure 32)
IFB = FEEDBACK bias current, typically 20 nA
A minimum regulator output current of 1
μA must be maintained. Thus, in an application where a no-load
condition is expected (for example, CMOS circuits in standby), this 1-
μA minimum current must be provided by
the resistor pair, effectively imposing a maximum value of R2 = 1.2 M
Ω (1.235 V/1.2 MΩ ≉ 1 μA).
IFB = 20 nA introduces an error of ≉0.02% in VOUT. This can be offset by trimming R1. Alternatively, increasing
the divider current makes IFB less significant, thus, reducing its error contribution. For instance, using
R2 = 100 k
Ω reduces the error contribution of IFB to 0.17% by increasing the divider current to ≉12 μA. This
increase in the divider current still is small compared to the 600-
μA typical quiescent current of the LP2951 under
no load.
Figure 32. Adjusting the Feedback on the LP2951
7.5 Device Functional Modes
7.5.1 Shutdown Mode
These devices can be placed in shutdown mode with a logic high at the SHUTDOWN pin. Return the logic level
low to restore operation or tie SHUTDOWN to ground if the feature is not being used.
Copyright © 2006–2014, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LP2950 LP2951



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com