Electronic Components Datasheet Search
  English  ▼

X  

MAX5041AEAI Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX5041AEAI
Description  Dual-Phase, Parallelable, Average-Current-Mode Controllers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5041AEAI Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX5041AEAI Datasheet HTML 1Page - Maxim Integrated Products MAX5041AEAI Datasheet HTML 2Page - Maxim Integrated Products MAX5041AEAI Datasheet HTML 3Page - Maxim Integrated Products MAX5041AEAI Datasheet HTML 4Page - Maxim Integrated Products MAX5041AEAI Datasheet HTML 5Page - Maxim Integrated Products MAX5041AEAI Datasheet HTML 6Page - Maxim Integrated Products MAX5041AEAI Datasheet HTML 7Page - Maxim Integrated Products MAX5041AEAI Datasheet HTML 8Page - Maxim Integrated Products MAX5041AEAI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Dual-Phase, Parallelable, Average-Current-Mode
Controllers
_______________________________________________________________________________________
5
EFFICIENCY vs. OUTPUT CURRENT AND
INTERNAL OSCILLATOR FREQUENCY
IOUT (A)
48
44
40
36
32
28
24
20
16
12
8
4
50
60
70
80
90
100
40
052
f = 500kHz
f = 250kHz
VIN = +5V
VOUT = +1.8V
EFFICIENCY vs. OUTPUT CURRENT
AND INPUT VOLTAGE
IOUT (A)
48
44
40
36
32
28
24
20
16
12
8
4
50
40
30
20
10
60
70
80
90
100
0
052
VIN = +12V
VIN = +5V
VOUT = +1.8V
fSW = 250kHz
EFFICIENCY vs. OUTPUT CURRENT
IOUT (A)
48
44
40
36
32
28
24
20
16
12
8
4
50
40
30
20
10
60
70
80
90
100
0
052
VIN = +24V
VOUT = +1.8V
fSW = 125kHz
EFFICIENCY vs. OUTPUT CURRENT
AND OUTPUT VOLTAGE
IOUT (A)
48
44
40
36
32
28
24
20
16
12
8
4
50
40
30
20
10
60
70
80
90
100
0
052
VOUT = +1.1V
VOUT = +1.5V
VOUT = +1.8V
VIN = +12V
fSW = 250kHz
EFFICIENCY vs. OUTPUT CURRENT
AND OUTPUT VOLTAGE
IOUT (A)
48
44
40
36
32
28
24
20
16
12
8
4
50
40
30
20
10
60
70
80
90
100
0
052
VOUT = +1.1V
VOUT = +1.5V
VOUT = +1.8V
VIN = +5V
fSW = 500kHz
SUPPLY CURRENT
vs. FREQUENCY AND INPUT VOLTAGE
FREQUENCY (kHz)
550
500
400 450
200 250 300 350
150
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
10.5
11.0
11.5
12.0
6.0
100
600
VIN = +24V
VIN = +12V
VIN = +5V
EXTERNALCLOCK
NO DRIVER LOAD
SUPPLY CURRENT
vs. TEMPERATURE AND FREQUENCY
TEMPERATURE (
°C)
60
35
10
-15
10
20
30
40
50
60
70
80
90
100
0
-40
85
250kHz
125kHz
VIN = +12V
CDL_ = 22nF
CDH_ = 8.2nF
SUPPLY CURRENT
vs. TEMPERATURE AND FREQUENCY
TEMPERATURE (
°C)
60
35
10
-15
50
75
100
125
150
175
25
-40
85
600kHz
500kHz
VIN = +5V
CDL_ = 22nF
CDH_ = 8.2nF
SUPPLY CURRENT
vs. LOAD CAPACITANCE PER DRIVER
CDRIVER (nF)
13
11
7
9
5
3
10
20
30
40
50
60
70
80
90
100
0
115
VIN = +12V
fSW = 250kHz
Typical Operating Characteristics
(Circuit of Figure 1. TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com