Electronic Components Datasheet Search
  English  ▼

X  

MAX5041AEAI Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX5041AEAI
Description  Dual-Phase, Parallelable, Average-Current-Mode Controllers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5041AEAI Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX5041AEAI Datasheet HTML 2Page - Maxim Integrated Products MAX5041AEAI Datasheet HTML 3Page - Maxim Integrated Products MAX5041AEAI Datasheet HTML 4Page - Maxim Integrated Products MAX5041AEAI Datasheet HTML 5Page - Maxim Integrated Products MAX5041AEAI Datasheet HTML 6Page - Maxim Integrated Products MAX5041AEAI Datasheet HTML 7Page - Maxim Integrated Products MAX5041AEAI Datasheet HTML 8Page - Maxim Integrated Products MAX5041AEAI Datasheet HTML 9Page - Maxim Integrated Products MAX5041AEAI Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Dual-Phase, Parallelable, Average-Current-Mode
Controllers
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(Circuit of Figure 1, TA = +25°C, unless otherwise noted.)
CURRENT-SENSE THRESHOLD
vs. OUTPUT VOLTAGE
VOUT (V)
1.7
1.6
1.4
1.5
1.2
1.3
1.1
46
47
48
49
50
51
52
53
54
55
45
1.0
1.8
PHASE 2
PHASE 1
OUTPUT VOLTAGE vs. OUTPUT CURRENT
AND ERROR AMP GAIN (RF / RIN)
ILOAD (A)
50
45
40
35
30
25
20
15
10
5
1.65
1.70
1.75
1.80
1.85
1.60
055
VIN = +12V
VOUT = +1.8V
RF / RIN = 15
RF / RIN = 12.5
RF / RIN = 10
RF / RIN = 7.5
DIFFERENTIAL AMPLIFIER BANDWIDTH
MAX5038A/41A toc12
FREQUENCY (MHz)
1
0.1
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
0.01
10
-225
-270
-180
-135
-90
-45
0
45
90
PHASE
GAIN
DIFF OUTPUT ERROR
vs. SENSE+ TO SENSE- VOLTAGE
∆VSENSE (V)
1.9
1.8
1.1 1.2 1.3
1.5 1.6
1.4
1.7
0.025
0.050
0.075
0.100
0.125
0.150
0.175
0.200
0
1.0
2.0
VIN = +12V
NO DRIVER
VCC LOAD REGULATION
vs. INPUT VOLTAGE
ICC (mA)
135
120
15 30 45
75 90
60
105
4.85
4.90
4.95
5.00
5.05
5.10
5.15
5.20
4.80
0
150
VIN = +24V
VIN = +12V
VIN = +8V
DC LOAD
VCC LINE REGULATION
VIN (V)
26
24
20 22
12 14 16 18
10
4.80
4.85
4.90
4.95
5.00
5.05
5.10
5.15
5.20
5.25
4.75
828
ICC = 0
ICC = 40mA
VCC LINE REGULATION
VIN (V)
13
12
910
11
4.80
4.85
4.90
4.95
5.00
5.05
5.10
5.15
5.20
5.25
4.75
8
ICC = 80mA
DRIVER RISE TIME
vs. DRIVER LOAD CAPACITANCE
CDRIVER (nF)
31
26
16
21
11
6
10
20
30
40
50
60
70
80
90
100
110
120
0
136
DL_
DH_
VIN = +12V
fSW = 250kHz
DRIVER FALL TIME
vs. DRIVER LOAD CAPACITANCE
CDRIVER (nF)
31
26
16
21
11
6
10
20
30
40
50
60
70
80
90
100
110
120
0
136
DL_
DH_
VIN = +12V
fSW = 250kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com