Electronic Components Datasheet Search
  English  ▼

X  

ICS87004I Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ICS87004I
Description  Output frequency range
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS87004I Datasheet(HTML) 2 Page - Integrated Device Technology

  ICS87004I Datasheet HTML 1Page - Integrated Device Technology ICS87004I Datasheet HTML 2Page - Integrated Device Technology ICS87004I Datasheet HTML 3Page - Integrated Device Technology ICS87004I Datasheet HTML 4Page - Integrated Device Technology ICS87004I Datasheet HTML 5Page - Integrated Device Technology ICS87004I Datasheet HTML 6Page - Integrated Device Technology ICS87004I Datasheet HTML 7Page - Integrated Device Technology ICS87004I Datasheet HTML 8Page - Integrated Device Technology ICS87004I Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
ICS87004AGI REVISION D JANUARY 4, 2010
2
©2009 Integrated Device Technology, Inc.
ICS87004I Data Sheet
1:4, DIFFERENTIAL-TO-LVCMOS/LVTTL ZERO DELAY CLOCK GENERATOR
Table 1. Pin Descriptions
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Number
Name
Type
Description
1, 12, 21
GND
Power
Power supply ground.
2, 20,
22, 24
Q0, Q3,
Q2, Q1
Output
Single-ended clock outputs. 7
Ω typical output impedance.
LVCMOS/LVTTL interface levels.
3, 19, 23
VDDO
Power
Output supply pins.
4, 5,
6, 7
SEL0, SEL1,
SEL2, SEL3
Input
Pulldown
Determines output divider values in Table 3. LVCMOS / LVTTL interface levels.
8
CLK_SEL
Input
Pulldown
Clock select input. When HIGH, selects differential CLK1, nCLK1. When LOW,
selects differential CLK0, nCLK0. LVCMOS/LVTTL interface levels.
9VDD
Power
Core supply pin.
10
CLK0
Input
Pulldown
Non-inverting differential clock input.
11
nCLK0
Input
Pullup/
Pulldown
Inverting differential clock input. VDD/2 default when left floating.
13
VDDA
Power
Analog supply pin.
14
nCLK1
Input
Pullup/
Pulldown
Inverting differential clock input. VDD/2 default when left floating.
15
CLK1
Input
Pulldown
Non-inverting differential clock input.
16
PLL_SEL
Input
Pullup
PLL select. Selects between the PLL and reference clock as the input to the
dividers. When LOW, selects the reference clock (PLL Bypass). When HIGH,
selects PLL (PLL Enabled). LVCMOS/LVTTL interface levels.
17
FB_IN
Input
Pulldown
Feedback input to phase detector for regenerating clocks with “Zero Delay.”
Connect to one of the outputs. LVCMOS/LVTTL interface levels.
18
MR
Input
Pulldown
Active HIGH Master Reset. When logic HIGH, the internal dividers are reset
causing the outputs to go low. When logic LOW, the internal dividers and the
outputs are enabled. LVCMOS / LVTTL interface levels.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
4pF
RPULLUP
Input Pullup Resistor
51
k
Ω
RPULLDOWN Input Pulldown Resistor
51
k
Ω
CPD
Power Dissipation
Capacitance (per output)
VDD, VDDO = 3.465V
23
pF
VDD, VDDO = 2.625V
17
pF
ROUT
Output Impedance
5
7
12
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com