Electronic Components Datasheet Search
  English  ▼

X  

ICS87004I Datasheet(PDF) 8 Page - Integrated Device Technology

Part # ICS87004I
Description  Output frequency range
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS87004I Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button ICS87004I Datasheet HTML 4Page - Integrated Device Technology ICS87004I Datasheet HTML 5Page - Integrated Device Technology ICS87004I Datasheet HTML 6Page - Integrated Device Technology ICS87004I Datasheet HTML 7Page - Integrated Device Technology ICS87004I Datasheet HTML 8Page - Integrated Device Technology ICS87004I Datasheet HTML 9Page - Integrated Device Technology ICS87004I Datasheet HTML 10Page - Integrated Device Technology ICS87004I Datasheet HTML 11Page - Integrated Device Technology ICS87004I Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
ICS87004AGI REVISION D JANUARY 4, 2010
8
©2009 Integrated Device Technology, Inc.
ICS87004I Data Sheet
1:4, DIFFERENTIAL-TO-LVCMOS/LVTTL ZERO DELAY CLOCK GENERATOR
Parameter Measurement Information
3.3V Output Load AC Test Circuit
Differential Input Level
Cycle-to-Cycle Jitter
2.5V Output Load AC Test Circuit
Output Skew
Phase Jitter and Static Phase Offset
SCOPE
Qx
LVCMOS
GND
VDDA,
VDDO
VDD,
1.65V±5%
-1.65V±5%
nCLK[0:1]
CLK[0:1]
VDD
GND
V
CMR
Cross Points
V
PP
Q[0:3]
➤
➤
V
DDO
2
V
DDO
2
V
DDO
2
tcycle n
tcycle n+1
tjit(cc) =
|tcycle n – tcycle n+1|
1000 Cycles
SCOPE
Qx
LVCMOS
GND
1.25V±5%
-1.25V±5%
VDD,
VDDA,
VDDO
Qx
Qy
tsk(o)
V
DDO
2
V
DDO
2
nCLK[0:1]
CLK[0:1]
FB_IN
➤ t(Ø)
V
OH
V
OL
V
OH
V
OL
V
DDO
2
t(Ø) mean = Static Phase Offset
Where t(Ø) is any random sample, and t(Ø) mean is the average
of the sampled cycles measured on the controlled edges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com