Electronic Components Datasheet Search
  English  ▼

X  

ICS87974I Datasheet(PDF) 7 Page - Integrated Device Technology

Part # ICS87974I
Description  Fully integrated PLL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS87974I Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button ICS87974I Datasheet HTML 3Page - Integrated Device Technology ICS87974I Datasheet HTML 4Page - Integrated Device Technology ICS87974I Datasheet HTML 5Page - Integrated Device Technology ICS87974I Datasheet HTML 6Page - Integrated Device Technology ICS87974I Datasheet HTML 7Page - Integrated Device Technology ICS87974I Datasheet HTML 8Page - Integrated Device Technology ICS87974I Datasheet HTML 9Page - Integrated Device Technology ICS87974I Datasheet HTML 10Page - Integrated Device Technology ICS87974I Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
87974CYI
www.idt.com
REV. E JULY 26, 2010
7
ICS87974I
LOW SKEW, 1-TO-15,
LVCMOS/LVTTL CLOCK GENERATOR
TABLE 5. AC CHARACTERISTICS, V
DD = VDDA = VDDOX = 3.3V±5%, T
A
= -40°C TO 85°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
f
X
A
M
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
x
Q
÷
O
C
V
,
2
÷ 25
2
1z
H
M
x
Q
÷
O
C
V
,
4
÷ 23
6z
H
M
x
Q
÷
O
C
V
,
6
÷ 22
4z
H
M
f
O
C
V
5
E
T
O
N
;
e
g
n
a
R
k
c
o
L
O
C
V
L
L
P0
0
20
0
5z
H
M
t
D
P
k
c
a
b
d
e
e
F
o
t
C
N
Y
S
5
,
2
E
T
O
N
;
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
P
,
V
3
.
3
=
L
E
S
_
L
L
P
z
H
M
0
5
=
F
E
R
f
0
5
2
-0
0
1s
p
t
)
o
(
k
s5
,
4
E
T
O
N
;
w
e
k
S
t
u
p
t
u
O
g
n
i
s
i
r
n
o
d
e
r
u
s
a
e
M
V
t
a
e
g
d
e
O
D
D
2
/
0
5
3s
p
t
)
c
c
(
t
ij
;
r
e
t
t
i
J
e
l
c
y
C
-
o
t
-
e
l
c
y
C
6
,
5
E
T
O
N
0
0
1
±s
p
t
L
e
m
i
T
k
c
o
L
L
L
P
0
1S
m
t
R
t
/
F
e
m
i
T
ll
a
F
/
e
s
i
R
t
u
p
t
u
OV
0
.
2
o
t
V
8
.
05
1
.
05
.
1s
n
t
W
P
h
t
d
i
W
e
s
l
u
P
t
u
p
t
u
Ot
d
o
i
r
e
P
0
0
8
-
2
/t
d
o
i
r
e
P
0
0
5
±
2
/t
d
o
i
r
e
P
0
0
8
+
2
/s
p
t
N
E
e
m
i
T
e
l
b
a
n
E
t
u
p
t
u
O2
0
1s
n
t
S
I
D
e
m
i
T
e
l
b
a
s
i
D
t
u
p
t
u
O2
0
1s
n
t
a
d
e
r
u
s
a
e
m
s
r
e
t
e
m
a
r
a
p
ll
Af
X
A
M
.
e
s
i
w
r
e
h
t
o
d
e
t
o
n
s
s
e
l
n
u
e
h
t
m
o
r
f
d
e
r
u
s
a
e
M
:
1
E
T
O
NV
D
D
e
h
t
o
t
t
u
p
n
i
e
h
t
f
o
t
n
i
o
p
2
/V
x
O
D
D
2
/.
t
u
p
t
u
o
e
h
t
f
o
l
a
n
g
i
s
t
u
p
n
i
k
c
a
b
d
e
e
f
e
g
a
r
e
v
a
e
h
t
d
n
a
k
c
o
l
c
e
c
n
e
r
e
f
e
r
t
u
p
n
i
e
h
t
n
e
e
w
t
e
b
e
c
n
e
r
e
f
f
i
d
e
m
i
t
e
h
t
s
a
d
e
n
i
f
e
D
:
2
E
T
O
N
.
e
l
b
a
t
s
s
i
y
c
n
e
u
q
e
r
f
e
c
n
e
r
e
f
e
r
t
u
p
n
i
e
h
t
d
n
a
d
e
k
c
o
l
s
i
L
L
P
e
h
t
n
e
h
w
.
s
n
o
i
t
i
d
n
o
c
d
a
o
l
l
a
u
q
e
h
t
i
w
k
n
a
b
a
n
i
h
t
i
w
w
e
k
s
s
a
d
e
n
i
f
e
D
:
3
E
T
O
N
.
s
n
o
i
t
i
d
n
o
c
d
a
o
l
l
a
u
q
e
h
t
i
w
d
n
a
e
g
a
t
l
o
v
y
l
p
p
u
s
e
m
a
s
e
h
t
t
a
s
t
u
p
t
u
o
n
e
e
w
t
e
b
w
e
k
s
s
a
d
e
n
i
f
e
D
:
4
E
T
O
N
V
t
a
d
e
r
u
s
a
e
M
x
O
D
D
.
2
/
.
5
6
d
r
a
d
n
a
t
S
C
E
D
E
J
h
t
i
w
e
c
n
a
d
r
o
c
c
a
n
i
d
e
n
i
f
e
d
s
i
r
e
t
e
m
a
r
a
p
s
i
h
T
:
5
E
T
O
N
.
k
a
e
p
-
o
t
-
k
a
e
p
s
a
d
e
r
u
s
a
e
M
:
6
E
T
O
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com