Electronic Components Datasheet Search
  English  ▼

X  

ICS87974I Datasheet(PDF) 9 Page - Integrated Device Technology

Part # ICS87974I
Description  Fully integrated PLL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS87974I Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button ICS87974I Datasheet HTML 5Page - Integrated Device Technology ICS87974I Datasheet HTML 6Page - Integrated Device Technology ICS87974I Datasheet HTML 7Page - Integrated Device Technology ICS87974I Datasheet HTML 8Page - Integrated Device Technology ICS87974I Datasheet HTML 9Page - Integrated Device Technology ICS87974I Datasheet HTML 10Page - Integrated Device Technology ICS87974I Datasheet HTML 11Page - Integrated Device Technology ICS87974I Datasheet HTML 12Page - Integrated Device Technology ICS87974I Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
87974CYI
www.idt.com
REV. E JULY 26, 2010
9
ICS87974I
LOW SKEW, 1-TO-15,
LVCMOS/LVTTL CLOCK GENERATOR
As in any high speed analog circuitry, the power supply
pins are vulnerable to random noise. The ICS87974I
provides separate power supplies to isolate any high
switching noise from the outputs to the internal PLL. V
DD,
V
DDA, and VDDOx should be individually connected to the
power supply plane through vias, and bypass capacitors
should be used for each pin. To achieve optimum jitter
performance, power supply isolation is required.
Figure 1
illustrates how a 10
Ω resistor along with a 10μF and a .01μF
bypass capacitor should be connected to each V
DDA pin.
The 10
Ω resistor can also be replaced by a ferrite bead.
POWER SUPPLY FILTERING TECHNIQUES
FIGURE 1. POWER SUPPLY FILTERING
10
Ω
V
DDA
10
μF
.01
μF
3.3V
.01
μF
V
DD
APPLICATION INFORMATION
INPUTS:
CLK INPUT:
For applications not requiring the use of a clock input, it can
be left floating. Though not required, but for additional
protection, a 1k
Ω resistor can be tied from the CLK input to
ground.
LVCMOS CONTROL PINS:
All control pins have internal pull-ups or pull-downs; additional
resistance is not required but can be added for additional
protection. A 1k
Ω resistor can be used.
RECOMMENDATIONS FOR UNUSED INPUT AND OUTPUT PINS
OUTPUTS:
LVCMOS OUTPUT:
All unused LVCMOS output can be left floating. We
recommend that there is no trace attached.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com