Electronic Components Datasheet Search
  English  ▼

X  

ICS87974I Datasheet(PDF) 8 Page - Integrated Device Technology

Part # ICS87974I
Description  Fully integrated PLL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS87974I Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button ICS87974I Datasheet HTML 4Page - Integrated Device Technology ICS87974I Datasheet HTML 5Page - Integrated Device Technology ICS87974I Datasheet HTML 6Page - Integrated Device Technology ICS87974I Datasheet HTML 7Page - Integrated Device Technology ICS87974I Datasheet HTML 8Page - Integrated Device Technology ICS87974I Datasheet HTML 9Page - Integrated Device Technology ICS87974I Datasheet HTML 10Page - Integrated Device Technology ICS87974I Datasheet HTML 11Page - Integrated Device Technology ICS87974I Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
87974CYI
www.idt.com
REV. E JULY 26, 2010
8
ICS87974I
LOW SKEW, 1-TO-15,
LVCMOS/LVTTL CLOCK GENERATOR
Clock
Outputs
0.8V
2V
2V
0.8V
tR
t F
t
PD
V
DD
2
V
DDO
2
CLK0,
CLK1
QFB
t
PW
t
PERIOD
V
DDOX
2
V
DDOX
2
V
DDOX
2
t
PW
t
PERIOD
odc =
x
3.3V OUTPUT LOAD AC TEST CIRCUIT
OUTPUT SKEW
OUTPUT RISE/FALL TIME
CYCLE-TO-CYCLE JITTER
OUTPUT PULSE WIDTH/PULSE WIDTH PERIOD
tjit(cc) = tcycle n –tcycle n+1
1000 Cycles
SYNC TO FEEDBACK PROPAGATION DELAY
PARAMETER MEASUREMENT INFORMATION
SCOPE
Qx
LVCMOS
QAx,
QBx,
QCx,
QFB
➤
➤
V
DDOX
2
V
DDOX
2
V
DDOX
2
tcycle n
tcycle n+1
tsk(o)
V
DDOX
2
V
DDOX
2
-1.65V±5%
1.65V±5%
Qx
Qy
QAx,
QBx,
QCx,
QFB
V
DD,
V
DDA, VDDOx
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com