Electronic Components Datasheet Search
  English  ▼

X  

MAX5154BEEE Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX5154BEEE
Description  Low-Power, Dual, 12-Bit Voltage-Output DACs with Serial Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5154BEEE Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX5154BEEE Datasheet HTML 6Page - Maxim Integrated Products MAX5154BEEE Datasheet HTML 7Page - Maxim Integrated Products MAX5154BEEE Datasheet HTML 8Page - Maxim Integrated Products MAX5154BEEE Datasheet HTML 9Page - Maxim Integrated Products MAX5154BEEE Datasheet HTML 10Page - Maxim Integrated Products MAX5154BEEE Datasheet HTML 11Page - Maxim Integrated Products MAX5154BEEE Datasheet HTML 12Page - Maxim Integrated Products MAX5154BEEE Datasheet HTML 13Page - Maxim Integrated Products MAX5154BEEE Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
saved, allowing the MAX5154/MAX5155 to recall the
output state prior to entering shutdown when returning
to normal mode. Exit shutdown by recalling the previ-
ous condition or by updating the DAC with new infor-
mation. When returning to normal operation (exiting
shutdown), wait 20µs for output stabilization.
Serial Interface
The MAX5154/MAX5155 3-wire serial interface is com-
patible with both Microwire (Figure 2) and SPI/QSPI
(Figure 3) serial-interface standards. The 16-bit serial
input word consists of an address bit, two control bits,
12 bits of data (MSB to LSB), and one sub bit as shown
in Figure 4. The address and control bits determine the
MAX5154/ MAX5155’s response, as outlined in Table 1.
Low-Power, Dual, 12-Bit Voltage-Output DACs
with Serial Interface
10
______________________________________________________________________________________
FUNCTION
A0
C1
C0
D11.......................D0
(MSB)
(LSB)
0
0
1
12-bit DAC data
Load input register A; DAC registers are unchanged.
0
1
1
12-bit DAC data
Load all DAC registers from the shift register
(start up both DACs with new data.).
1
1
0
12-bit DAC data
Load input register B; all DAC registers are updated.
0
1
0
12-bit DAC data
Load input register A; all DAC registers are updated.
1
0
1
12-bit DAC data
Load input register B; DAC registers are unchanged.
0
0
0
1 1 0 x xxxxxxxx
Shut down DAC A (provided PDL = 1).
0
0
0
1 0 1 x xxxxxxxx
Update DAC register B from input register B
(start up DAC B with data previously stored in input register B).
0
0
0
0 0 1 x xxxxxxxx
Update DAC register A from input register A
(start up DAC A with data previously stored in input register A).
1
1
1
xxxxxxxxxxxx
Shut down both DACs (provided PDL = 1).
1
0
0
xxxxxxxxxxxx
Update both DAC registers from their respective input registers
(start up both DACs with data previously stored in the input registers).
0
0
0
1 1 1 x xxxxxxxx
Shut down DAC B (provided PDL = 1).
0
0
0
0 1 0 x xxxxxxxx
UPO goes low (default).
0
0
0
0 1 1 x xxxxxxxx
UPO goes high.
0
0
0
1 0 0 1 xxxxxxxx
Mode 1, DOUT clocked out on SCLK’s rising edge.
0
0
0
1 0 0 0 xxxxxxxx
Mode 0, DOUT clocked out on SCLK’s falling edge (default).
0
0
0
0 0 0 x xxxxxxxx
No operation (NOP).
Table 1. Serial-Interface Programming Commands
x = Don’t care
Note: D11, D10, D9, and D8 become control bits when A0, C1, and C0 = 0. S0 is a sub bit, always zero.
SCLK
DIN
CS
SK
SO
I/O
MICROWIRE
PORT
MAX5154
MAX5155
Figure 2. Connections for Microwire
16-BIT SERIAL WORD
S0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com