Electronic Components Datasheet Search
  English  ▼

X  

MAX5154BEEE Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX5154BEEE
Description  Low-Power, Dual, 12-Bit Voltage-Output DACs with Serial Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5154BEEE Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX5154BEEE Datasheet HTML 8Page - Maxim Integrated Products MAX5154BEEE Datasheet HTML 9Page - Maxim Integrated Products MAX5154BEEE Datasheet HTML 10Page - Maxim Integrated Products MAX5154BEEE Datasheet HTML 11Page - Maxim Integrated Products MAX5154BEEE Datasheet HTML 12Page - Maxim Integrated Products MAX5154BEEE Datasheet HTML 13Page - Maxim Integrated Products MAX5154BEEE Datasheet HTML 14Page - Maxim Integrated Products MAX5154BEEE Datasheet HTML 15Page - Maxim Integrated Products MAX5154BEEE Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Bipolar Output
The MAX5154/MAX5155 can be configured for a bipo-
lar output, as shown in Figure 11. The output voltage is
given by the equation (OS_ = AGND):
VOUT = VREF [((2 x NB) / 4096) - 1]
where NB represents the numeric value of the DAC’s
binary input code. Table 3 shows digital codes and the
corresponding output voltage for Figure 11’s circuit.
Using an AC Reference
In applications where the reference has an AC signal
component, the MAX5154/MAX5155 have multiplying
capabilities within the reference input voltage range
specifications. Figure 12 shows a technique for apply-
ing a sinusoidal input to REF_, where the AC signal is
offset before being applied to the reference input.
Harmonic Distortion and Noise
The total harmonic distortion plus noise (THD+N) is typ-
ically less than -78dB at full scale with a 1Vp-p input
swing at 5kHz. The typical -3dB frequency is 300kHz
for both devices, as shown in the
Typical Operating
Characteristics.
Digital Calibration and
Threshold Selection
Figure 13 shows the MAX5154/MAX5155 in a digital
calibration application. With a bright light value applied
to the photodiode (on), the DAC is digitally ramped until
Low-Power, Dual, 12-Bit Voltage-Output DACs
with Serial Interface
14
______________________________________________________________________________________
Table 3. Bipolar Code Table
ANALOG OUTPUT
1111 1111 1 111 (0)
1000 0000 0 001 (0)
DAC CONTENTS
MSB
LSB
1000 0000 0 000 (0)
0V
0111 1111 1 111 (0)
0000 0000 0 000 (0)
0000 0000 0 001 (0)
+V
2047
2048
REF


+V
1
2048
REF


-V
1
2048
REF


-V
2047
2048
REF


-V
2048
2048
- V
REF
REF


=
AGND
DGND
R
R
MAX5154
MAX5155
DAC _
REF_
OS_
OUT_
10k
10k
10k
10k
V-
V+
VDD
VOUT
+5V/+3V
Figure 11. Bipolar Output Circuit
DAC_
OUT_
MAX5154
MAX5155
10k
26k
OS_
REF
R
R
VDD
DGND
AGND
+5V/
+3V
AC
REFERENCE
INPUT
500mVp-p
MAX495
+5V/+3V
Figure 12. AC Reference Input Circuit
AGND
DIN
µP
DGND
MAX5154
MAX5155
DAC _
REF_
OS_
OUT_
R
R
V-
V+
PHOTODIODE
V+
VDD
VOUT
RPULLDOWN
+5V/+3V
Figure 13. Digital Calibration
Note: ( ) are for the sub bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com