Electronic Components Datasheet Search
  English  ▼

X  

MAX5154BEEE Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX5154BEEE
Description  Low-Power, Dual, 12-Bit Voltage-Output DACs with Serial Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5154BEEE Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX5154BEEE Datasheet HTML 8Page - Maxim Integrated Products MAX5154BEEE Datasheet HTML 9Page - Maxim Integrated Products MAX5154BEEE Datasheet HTML 10Page - Maxim Integrated Products MAX5154BEEE Datasheet HTML 11Page - Maxim Integrated Products MAX5154BEEE Datasheet HTML 12Page - Maxim Integrated Products MAX5154BEEE Datasheet HTML 13Page - Maxim Integrated Products MAX5154BEEE Datasheet HTML 14Page - Maxim Integrated Products MAX5154BEEE Datasheet HTML 15Page - Maxim Integrated Products MAX5154BEEE Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
it trips the comparator. The microprocessor (µP) stores
this “high” calibration value. Repeat the process with a
dim light (off) to obtain the dark current calibration.
The µP then programs the DAC to set an output voltage
at the midpoint of the two calibrated values.
Applications include tachometers, motion sensing,
automatic readers, and liquid clarity analysis.
Digital Control of Gain and Offset
The two DACs can be used to control the offset and
gain for curve-fitting nonlinear functions, such as trans-
ducer linearization or analog compression/expansion
applications. The input signal is used as the reference
for the gain-adjust DAC, whose output is summed with
the output from the offset-adjust DAC. The relative
weight of each DAC output is adjusted by R1, R2, R3,
and R4 (Figure 14).
Power-Supply Considerations
On power-up, the input and DAC registers clear (set to
zero code). For rated performance, VREF_ should be at
least 1.4V below VDD. Bypass the power supply with a
4.7µF capacitor in parallel with a 0.1µF capacitor to
AGND. Minimize lead lengths to reduce lead inductance.
Grounding and Layout Considerations
Digital and AC transient signals on AGND can create
noise at the output. Connect AGND to the highest quality
ground available. Use proper grounding techniques,
such as a multilayer board with a low-inductance ground
plane. Carefully lay out the traces between channels to
reduce AC cross-coupling and crosstalk. Wire-wrapped
boards and sockets are not recommended. If noise
becomes an issue, shielding may be required.
Low-Power, Dual, 12-Bit Voltage-Output DACs
with Serial Interface
______________________________________________________________________________________
15
AGND
DGND
MAX5154
MAX5155
DACA
VDD
REFA
VIN
VREF
CS
SCLK
DIN
REFB
R1
R3
R
R
R
R
R4
R2
OUTB
OSB
OUTA
OSA
VOUT
DACB
INPUT
REG A
INPUT
REG B
DAC
REG A
DAC
REG B
– OFFSET
[ ]
VOUT =
=
GAIN
[
]
2NA
4096
NA IS THE NUMERIC VALUE OF THE INPUT CODE FOR DACA.
NB IS THE NUMERIC VALUE OF THE INPUT CODE FOR DACB.
R2
R1+R2
R4
R3
2NB
4096
R4
R3
(VIN
)(
)(1+ ) (VREF
)( )
[
] [
]
SHIFT
REGISTER
Figure 14. Digital Control of Gain and Offset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com